Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4373398 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # 4373398
Description  ANSI Standard Thermocouple Panel Systems – Type K
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

4373398 Datasheet(HTML) 2 Page - Labfacility Ltd

  4373398 Datasheet HTML 1Page - Labfacility Ltd 4373398 Datasheet HTML 2Page - Labfacility Ltd 4373398 Datasheet HTML 3Page - Labfacility Ltd 4373398 Datasheet HTML 4Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Datasheet
Connector Panel Systems - 11
Mar-24
A range of pre-assembled standard panel assemblies designed for use with
thermocouples or leads with standard plugs. They are robust and perfect for mounting
in control rooms, test stands, laboratory applications, control rooms, and more. They
support various calibration codes with quick wire sockets, with a maximum
temperature range up to +120°C. These panels can be fitted horizontal or vertically.
Specifications
General Description
A selection of standard ANSI pre-assembled thermocouple
panels, to suit your specific application.
Thermocouple Type
K ANSI
Connector Size
Standard
Number of Connectors and
panel sizes
1 x Connector
66mm x 50mm
2 x Connectors
66mm x 69mm
3 x Connectors
66mm x 88mm
4 x Connectors
66mm x 107mm
6 x Connectors
66mm x 145mm
10 x Connectors
66mm x 221mm
20 x Connectors
111mm x 221mm
Connector Type
Fascia Mounting Socket
Colour
Yellow
Max. Temperature
120°C
+Positive Contact
Nickel Chromium
-Negative Contact
Nickel Alloy
Standards Met
BS EN 50212:1997. RoHS
Ordering Information
Stock
Number
Manufacturers
Number
Thermocouple
Type
Size
Colour
Code
Number of
connectors/Ways
Panel Size
4373398
AS-K-FF + FSP-1
K
Standard
ANSI
1
66mm x 50mm
4373399
AS-K-FF + FSP-2
K
Standard
ANSI
2
66mm x 69mm
4373400
AS-K-FF + FSP-3
K
Standard
ANSI
3
66mm x 88mm
4373401
AS-K-FF + FSP-4
K
Standard
ANSI
4
66mm x 107mm
4373402
AS-K-FF + FSP-6
K
Standard
ANSI
6
66mm x 145mm
4373403
AS-K-FF + FSP-10
K
Standard
ANSI
10
66mm x 221mm
4373404
AS-K-FF + FSP-20
K
Standard
ANSI
20
111mm x 221mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com