Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4373402 Datasheet(PDF) 3 Page - Labfacility Ltd

Part # 4373402
Description  ANSI Standard Thermocouple Panel Systems – Type K
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

4373402 Datasheet(HTML) 3 Page - Labfacility Ltd

  4373402 Datasheet HTML 1Page - Labfacility Ltd 4373402 Datasheet HTML 2Page - Labfacility Ltd 4373402 Datasheet HTML 3Page - Labfacility Ltd 4373402 Datasheet HTML 4Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Datasheet
Connector Panel Systems - 11
Mar-24
Similar Products in Range:
Stock
Number
Manufacturers
Number
Thermocouple
Type
Size
Colour
Code
Number of
connectors/Way
s
Panel Size
4373398
AS-K-FF + FSP-1
K
Standard
ANSI
1
66mm x 50mm
4373399
AS-K-FF + FSP-2
K
Standard
ANSI
2
66mm x 69mm
4373400
AS-K-FF + FSP-3
K
Standard
ANSI
3
66mm x 88mm
4373401
AS-K-FF + FSP-4
K
Standard
ANSI
4
66mm x 107mm
4373402
AS-K-FF + FSP-6
K
Standard
ANSI
6
66mm x 145mm
4373403
AS-K-FF + FSP-10
K
Standard
ANSI
10
66mm x 221mm
4373404
AS-K-FF + FSP-20
K
Standard
ANSI
20
111mm x 221mm
4373414
AM-K-FF + FMP-1
K
Miniature
ANSI
1
45mm x 40mm
4373415
AM-K-FF + FMP-2
K
Miniature
ANSI
2
45mm x 55mm
4373416
AM-K-FF + FMP-3
K
Miniature
ANSI
3
45mm x 70mm
4373417
AM-K-FF + FMP-4
K
Miniature
ANSI
4
45mm x 85mm
4373419
AM-K-FF + FMP-6
K
Miniature
ANSI
6
45mm x 115mm
4373421
AM-K-FF + FMP-12
K
Miniature
ANSI
12
45mm x 205mm
4373422
AM-K-FF + FMP-16
K
Miniature
ANSI
16
75mm x 145mm
4373423
AM-K-FF + FMP-20
K
Miniature
ANSI
20
75mm x 175mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com