Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT60DF60HJ Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # APT60DF60HJ
Description  Diode Power Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

APT60DF60HJ Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  APT60DF60HJ Datasheet HTML 1Page - Inchange Semiconductor Company Limited APT60DF60HJ Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISUM6170
eq APT60DF60HJ
Diode Power Module
www.iscsemi.com
1
DESCRIPTION
· Low leakage current
· High blocking voltage
· High level of integration
APPLICATIONS
· Switch mode power supplies rectifier
· Induction heating
· Welding equipment
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak Repetitive Reverse Voltage
600
V
IF(AV)
Average Rectified Output Current
(TC = 80°C, Duty Cycle = 0.5)
60
A
IFSM
Non-Repetitive Peak Forward Surge Current
(TJ = 45°C, 8.3ms)
500
A
TJ
Max. Junction Temperature
175
℃
Tstg
Storage Temperature Range
-55~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Junction to Case Thermal resistance
0.85
℃
/W
ELECTRICAL CHARACTERISTICS(TJ = 25 °C unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
VF
Forward Voltage Drop
IF= 60A
--
--
2.3
V
IR
Peak Reverse Current
VR = 600V
--
--
25
uA
+
~
~
-


Similar Part No. - APT60DF60HJ

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT60DF60HJ MICROSEMI-APT60DF60HJ Datasheet
79Kb / 4P
ISOTOP Fast Diode Full Bridge Power Module
More results

Similar Description - APT60DF60HJ

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2RI150E FUJI-2RI150E Datasheet
105Kb / 4P
POWER DIODE MODULE
2RI250E FUJI-2RI250E Datasheet
106Kb / 4P
POWER DIODE MODULE
2RI60E-060 FUJI-2RI60E-060 Datasheet
137Kb / 4P
POWER DIODE MODULE
6RI100E-060 FUJI-6RI100E-060 Datasheet
125Kb / 4P
POWER DIODE MODULE
6RI100G-120 FUJI-6RI100G-120 Datasheet
128Kb / 4P
POWER DIODE MODULE
6RI30E-060 FUJI-6RI30E-060 Datasheet
120Kb / 4P
POWER DIODE MODULE
logo
List of Unclassifed Man...
2RI250E ETC2-2RI250E Datasheet
97Kb / 2P
POWER DIODE MODULE
logo
Fuji Electric
6RI100G FUJI-6RI100G Datasheet
120Kb / 2P
POWER DIODE MODULE
2RI60E FUJI-2RI60E Datasheet
132Kb / 2P
POWER DIODE MODULE
logo
eupec GmbH
BYM300A170DN2 EUPEC-BYM300A170DN2 Datasheet
309Kb / 5P
Diode Power Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com