Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATP320SM Datasheet(PDF) 2 Page - CTS Corporation

Part # ATP320SM
Description  Surface Mount Quartz Crystal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

ATP320SM Datasheet(HTML) 2 Page - CTS Corporation

  ATP320SM Datasheet HTML 1Page - CTS Corporation ATP320SM Datasheet HTML 2Page - CTS Corporation ATP320SM Datasheet HTML 3Page - CTS Corporation ATP320SM Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Document No. 008-0325-0
Page 2 - 4
Rev. A
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
ATP-SM
Low Cost Quartz Crystal
ADDITIONAL PART NUMBERS AVAILABLE FROM CTS
ATP-SM
ATP-SM
PART NUMBER FREQUENCY
(MHz)
LOAD
CAPACITANCE
OPERATING
MODE
PART NUMBER FREQUENCY
(MHz)
LOAD
CAPACITANCE
OPERATING
MODE
ATP04ASM
4.000000
Series
Fundamental
ATP14ASM
14.318180
20 pF
Fundamental
ATP044SM
4.433619
20 pF
Fundamental
ATP153SM
15.360000
20 pF
Fundamental
ATP050SM
5.068800
20 pF
Fundamental
ATP169SM
16.934400
20 pF
Fundamental
ATP061SM
6.144000
20 pF
Fundamental
ATP184SM
18.432000
Series
Fundamental
ATP073SM
7.372800
20 pF
Fundamental
ATP18ASM
18.432000
20 pF
Fundamental
ATP080SM
8.000000
Series
Fundamental
ATP196SM
19.660800
Series
Fundamental
ATP08ASM
8.000000
20 pF
Fundamental
ATP19ASM
19.660800
20 pF
Fundamental
ATP08BSM
8.192000
30 pF
Fundamental
ATP20ASM
20.000000
20 pF
Fundamental
ATP098SM
9.830400
20 pF
Fundamental
ATP20BSM
20.000000
50 pF
Fundamental
ATP099SM
9.830400
Series
Fundamental
ATP220SM
22.118400
Series
Fundamental
ATP100SM
10.000000
Series
Fundamental
ATP22ASM
22.118400
20 pF
Fundamental
ATP115SM
11.520000
20 pF
Fundamental
ATP240SM
24.000000
Series
Fundamental
ATP120SM
12.000000
Series
Fundamental
ATP24ASM
24.000000
20 pF
Fundamental
ATP12ASM
12.000000
20 pF
Fundamental
ATP24BSM
24.576000
20 pF
Fundamental
ATP125SM
12.288000
Series
Fundamental
ATP250SM
25.000000
Series
Fundamental
ATP123SM
12.296000
20 pF
Fundamental
ATP25ASM
25.000000
20 pF
Fundamental
ATP124SM
12.296000
Series
Fundamental
ATP320SM
32.000000
Series
3RD Overtone
ATP126SM
12.352000
Series
Fundamental
ATP32ASM
32.000000
20 pF
3RD Overtone
ATP127SM
12.352000
20 pF
Fundamental
ATP400SM
40.000000
Series
3RD Overtone
ATP135SM
13.500000
20 pF
Fundamental
ATP40ASM
40.000000
20 pF
3RD Overtone
Contact your local CTS Representative or CTS Customer Service for availability.
ADDITIONAL ORDERING INFORMATION
Available Standard Product Options
ATP
FREQUENCY
Product Frequency Code. Refer to
Product Part Number Tables.
SM -
PRODUCT OPTIONS
Blank - Bulk Packaging
1 - Tape and Reel Packaging
NON-Standard Ordering Options
Custom performance characteristics are available upon request. Use form C052 to detail non-standard parameters.
Contact your local CTS Representative or CTS Customer Service for assistance.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com