Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATP40ASM Datasheet(PDF) 1 Page - CTS Corporation

Part # ATP40ASM
Description  Surface Mount Quartz Crystal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

ATP40ASM Datasheet(HTML) 1 Page - CTS Corporation

  ATP40ASM Datasheet HTML 1Page - CTS Corporation ATP40ASM Datasheet HTML 2Page - CTS Corporation ATP40ASM Datasheet HTML 3Page - CTS Corporation ATP40ASM Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document No. 008-0325-0
Page 1 - 4
Rev. A
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
٠ ٠ ٠ www.ctscorp.com ٠ ٠ ٠
ATP-SM
Surface Mount Quartz Crystal
FEATURES
• Plastic Molded Metal Cylinder Crystal Package
• Stable Frequency Over Temperature and
Drive Level
• Fundamental and 3rd Overtone Crystals
• Frequency Range 3.5 – 40 MHz
• Frequency Tolerance, ±50 ppm Standard
• Frequency Stability, ±50 ppm Standard
• Operating Temperature, –20°C to +70°C
• Tape & Reel Packaging Available
• RoHS Compliant
• RoHS Exemption
Per EU Directive 2002/95/EC Annex, Section 7: Lead in
high temperature solders (+85% lead).
DESCRIPTION
The ATP-SM crystal series offers excellent long-
term stability and reliability in a proven plastic
molded package. The excellent shock
performance makes it suitable for today’s
microprocessor, communication, consumer
electronic and networking applications.
STANDARD PART NUMBERS AVAILABLE @ CTS DISTRIBUTORS
ATP-SM
ATP-SM
PART NUMBER FREQUENCY
(MHz)
LOAD
CAPACITANCE
OPERATING
MODE
PART NUMBER FREQUENCY
(MHz)
LOAD
CAPACITANCE
OPERATING
MODE
ATP036SM
3.579545
18 pF
Fundamental
ATP122SM
12.288000
20 pF
Fundamental
ATP037SM
3.686400
20 pF
Fundamental
ATP143SM
14.318180
Series
Fundamental
ATP040SM
4.000000
20 pF
Fundamental
ATP160SM
16.000000
Series
Fundamental
ATP042SM
4.915200
20 pF
Fundamental
ATP16ASM
16.000000
20 pF
Fundamental
ATP060SM
6.000000
20 pF
Fundamental
ATP200SM
20.000000
Series
Fundamental
ATP10ASM
10.000000
20 pF
Fundamental
ATP204SM
20.480000
20 pF
Fundamental
ATP111SM
11.059200
20 pF
Fundamental
ATP245SM
24.576000
Series
Fundamental
Contact your authorized CTS distributor for availability.


Similar Part No. - ATP40ASM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ATP401 ONSEMI-ATP401 Datasheet
395Kb / 7P
N-Channel Power MOSFET
July, 2013
ATP401-TL-H ONSEMI-ATP401-TL-H Datasheet
395Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
Sanyo Semicon Device
ATP404 SANYO-ATP404 Datasheet
277Kb / 4P
General-Purpose Switching Device Applications
logo
ON Semiconductor
ATP404 ONSEMI-ATP404 Datasheet
359Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
Sanyo Semicon Device
ATP404-TL-H SANYO-ATP404-TL-H Datasheet
465Kb / 7P
General-Purpose Switching Device Applications
More results

Similar Description - ATP40ASM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JXE75 ETC1-JXE75 Datasheet
63Kb / 2P
Surface Mount Quartz Crystal
logo
CTS Corporation
403 CTS-403 Datasheet
132Kb / 3P
Surface Mount Quartz Crystal
405 CTS-405 Datasheet
135Kb / 3P
Surface Mount Quartz Crystal
407 CTS-407 Datasheet
155Kb / 3P
Surface Mount Quartz Crystal
425 CTS-425 Datasheet
136Kb / 3P
Surface Mount Quartz Crystal
445W21AXXMXXXXX CTS-445W21AXXMXXXXX Datasheet
108Kb / 2P
Surface Mount Quartz Crystal
405C11A19M20000 CTS-405C11A19M20000 Datasheet
125Kb / 3P
Surface Mount Quartz Crystal
405C35D48M00000 CTS-405C35D48M00000 Datasheet
125Kb / 3P
Surface Mount Quartz Crystal
403C35D24M00000 CTS-403C35D24M00000 Datasheet
137Kb / 3P
Surface Mount Quartz Crystal
logo
STATEK CORPORATION
CX11VSM STATEK-CX11VSM Datasheet
104Kb / 2P
Surface Mount Quartz Crystal
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com