Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

02081908 Datasheet(PDF) 1 Page - ROSE Systemtechnik GmbH

Part # 02081908
Description  Polyester Enclosure Standard
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSE [ROSE Systemtechnik GmbH]
Direct Link  https://www.rose-systemtechnik.com/en/
Logo ROSE - ROSE Systemtechnik GmbH

02081908 Datasheet(HTML) 1 Page - ROSE Systemtechnik GmbH

  02081908 Datasheet HTML 1Page - ROSE Systemtechnik GmbH 02081908 Datasheet HTML 2Page - ROSE Systemtechnik GmbH 02081908 Datasheet HTML 3Page - ROSE Systemtechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ROSE Systemtechnik GmbH
02081908
Polyester Enclosure Standard
75 x 190 x 75 mm
Polyester Enclosure Standard 75 x 190 x 75 mm
Technical data
Height
75 mm
Width
190 mm
Depth
75 mm
Material
Polyester
Colour
Squirrel Gray (RAL 7000)
Ingress protection
IP66
Degree of protection norm
EN 60529
Impact strength
IK08
temperature min.
-40 °C
temperature max.
90 °C
Seal material
CR-(Chloroprene)
Insulation
Fully insulated according to VDE 0100
Toxicity
Halogen free
Surface resistance
>10^12 Ohm
Surface resistance norm
IEC 60093
Special colours on request
TRUE
Approvals
Lloyd Register, Maritime Register, UL 508A
Catalogues
Declaration of Conformity
Drawing
3D Data
Assignmentplan
Terminal Mounting
1 / 3
https://www.rose-systemtechnik.com/en/rose-products/02081908


Similar Part No. - 02081908

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0208190800 ETC2-0208190800 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
More results

Similar Description - 02081908

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
7094140 FIBOX-7094140 Datasheet
61Kb / 2P
Enclosure, polyester
13.01.2023
7094150 FIBOX-7094150 Datasheet
442Kb / 2P
Enclosure, polyester
13.01.2023
7094170 FIBOX-7094170 Datasheet
590Kb / 2P
Enclosure, polyester
13.01.2023
7094190 FIBOX-7094190 Datasheet
67Kb / 2P
Enclosure, polyester
13.01.2023
7094220 FIBOX-7094220 Datasheet
441Kb / 2P
Enclosure, polyester
13.01.2023
7094240 FIBOX-7094240 Datasheet
441Kb / 2P
Enclosure, polyester
13.01.2023
7094280 FIBOX-7094280 Datasheet
442Kb / 2P
Enclosure, polyester
13.01.2023
7094300 FIBOX-7094300 Datasheet
58Kb / 2P
Enclosure, polyester
13.01.2023
7094320 FIBOX-7094320 Datasheet
57Kb / 2P
Enclosure, polyester
13.01.2023
7094400 FIBOX-7094400 Datasheet
438Kb / 2P
Enclosure, polyester
13.01.2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com