Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2918 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SD2918
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2918 Datasheet(HTML) 2 Page - STMicroelectronics

  SD2918 Datasheet HTML 1Page - STMicroelectronics SD2918 Datasheet HTML 2Page - STMicroelectronics SD2918 Datasheet HTML 3Page - STMicroelectronics SD2918 Datasheet HTML 4Page - STMicroelectronics SD2918 Datasheet HTML 5Page - STMicroelectronics SD2918 Datasheet HTML 6Page - STMicroelectronics SD2918 Datasheet HTML 7Page - STMicroelectronics SD2918 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ELECTRICAL SPECIFICATION (Tcase =25
oC)
STATIC
Symb ol
Parameter
Mi n.
Typ .
Max.
Un it
V(BR)DSS
VGS =0V
IDS = 10 mA
125
V
IDSS
VGS =0V
VDS =50 V
1.0
mA
IGSS
VGS =20V
VDS =0 V
1
µA
VGS(Q)
VDS =10V
ID =10 mA
1. 0
5.0
V
VDS(ON)
VGS =10V
ID = 2.5 A
5.0
V
gFS
VDS =10V
ID =2.5 A
0. 8
mho
CISS
VGS =0V
VDS = 50V
f = 1MHz
58
pF
COSS
VGS =0V
VDS = 50V
f = 1MHz
35. 5
pF
CRSS
VGS =0V
VDS = 50V
f = 1MHz
7.5
pF
DYNAMIC
Symb ol
Parameter
Mi n.
Typ .
Max.
Un it
POUT
f = 30MHz
VDD =50V
Pin =0.475 W
IDQ =100 mA
30
W
GPS
f = 30MHz
VDD =50V
Pout =30 W
IDQ = 100 mA
18
22
dB
ηD
f = 30MHz
VDD =50V
Pout =30 W
IDQ = 100 mA
50
55
%
Load
Mismatch
f = 30MHz
VDD =50V
Pout =30 W
IDQ =100 mA
All Angles
30: 1
VSW R
IMPEDANCE DATA
FREQ .
ZIN (
Ω)ZDL (Ω)
30 MHz
24.4 - j 13. 4
28. 8 + j 7.2
REF. 1022497C
SD2918
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com