Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX100S Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # PEX100S
Description  1 Port PCI Express 10/100 Ethernet Network Interface Adapter Card
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

PEX100S Datasheet(HTML) 2 Page - StarTech.com Ltd.

  PEX100S Datasheet HTML 1Page - StarTech.com Ltd. PEX100S Datasheet HTML 2Page - StarTech.com Ltd. PEX100S Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Features
• Single 10/100Mbps RJ45 Ethernet port
• Compliant with IEEE802.3 CSMA/CD, 802.3 10Base-T and 100Base-TX standards
• Crossover Detection & Auto-Correction (Auto-MDIX)
• Full and Half duplex mode support
• Link speed and duplex mode auto-negotiation
• Link/Activity and 10/100Mbps LED indicators
• Supports Wake-on-LAN
• Full/Low Profile installation brackets included
Hardware
Warranty
Lifetime
Ports
1
Interface
RJ45 (10/100 Ethernet)
Bus Type
PCI Express
Card Type
Standard Profile (LP bracket incl.)
Chipset ID
Realtek - RTL8105E
Performance
Maximum Data Transfer
Rate
100 Mbps
Compatible Networks
10/100 Mbps
Connector(s)
Connector Type(s)
1 - PCI Express x1
External Ports
1 - RJ-45
Software
OS Compatibility
Windows 2000, XP, Vista, 7, 8, 8.1, 10, 11
Windows Server 2003, 2008 R2, 2012, 2016, 2019
Linux 2.6.x and up - <i>LTS Versions only</i>



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com