Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2ACR-2M-USB-CABLE Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # R2ACR-2M-USB-CABLE
Description  6ft (2m) USB A to C Charging Cable Right Angle - Heavy Duty Fast Charge USB-C Cable - Black USB 2.0 A to Type-C - Rugged Aramid Fiber - 3A - USB Charging Cord
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

R2ACR-2M-USB-CABLE Datasheet(HTML) 3 Page - StarTech.com Ltd.

  R2ACR-2M-USB-CABLE Datasheet HTML 1Page - StarTech.com Ltd. R2ACR-2M-USB-CABLE Datasheet HTML 2Page - StarTech.com Ltd. R2ACR-2M-USB-CABLE Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Physical
Characteristics
Color
Black
Connector Style
Right Angle to Straight
Wire Gauge
22/32 AWG
Cable Length
6.6 ft [2 m]
Cable OD
0.1 in [3.1 mm]
Product Length
6.6 ft [2.0 m]
Product Width
1.1 in [2.9 cm]
Product Height
0.3 in [7.0 mm]
Weight of Product
1.7 oz [47.0 g]
Packaging
Information
Package Quantity
1
Package Length
8.7 in [22.0 cm]
Package Width
5.0 in [12.8 cm]
Package Height
1.2 in [3.0 cm]
Shipping (Package)
Weight
1.8 oz [52.0 g]
What's in the Box
Included in Package
1 - USB-A to Angled USB-C Cable
*Product appearance and specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com