Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2CCR-1M-USB-CABLE Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # R2CCR-1M-USB-CABLE
Description  3ft (1m) USB C Charging Cable Right Angle - 60W PD 3A - Heavy Duty Fast Charge USB-C Cable - Black USB 2.0 Type-C - Rugged Aramid Fiber - USB Charging Cord
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

R2CCR-1M-USB-CABLE Datasheet(HTML) 2 Page - StarTech.com Ltd.

  R2CCR-1M-USB-CABLE Datasheet HTML 1Page - StarTech.com Ltd. R2CCR-1M-USB-CABLE Datasheet HTML 2Page - StarTech.com Ltd. R2CCR-1M-USB-CABLE Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
tight spots allowing the cable to run flush with the device - Reduces strain on the port and connector vs. a straight
angled cable
• RUGGED DESIGN: USB Type-C cable reinforced with aramid fiber for increased tensile strength - Tested to
withstand 10000+ insertions and 5000+ bend cycles at 180 angle - Durable TPE jacket and strain reliefs resist
damage from repeated use
• FAST CHARGE AND SYNC: Supports Power Delivery up to 60W at 3A for fast charging from a USB port or Quick
Charge enabled port/power adapter - High quality cord designed to charge and sync USB-C devices - Use with
USB-C ports and 18W/30W/45W/60W chargers
• USB-C COMPATIBILITY: Heavy duty data transfer cable to charge and sync USB Type-C devices including iPad
Pro/iPad/Mini, Samsung Galaxy S20/S20+/S21/S21+/S22/S22+, One Plus, and Google Pixel 6/Pro/6a - Charge from
USB-C docks/portable chargers/car chargers
• SPECS: Length: 3ft (1m) - Color: Black - Connectors: Male USB-C to Male USB-C - Performance: USB 2.0 - Braid
Material: Aramid Fiber - Power: Up to 60W/3A - Jacket Type: TPE - Shielding: EMI Protection with Aluminum/Mylar -
Backed for Life
Hardware
Warranty
Lifetime
Connector Plating
Gold and Nickel
Cable Jacket Material
TPE - Thermoplastic Elastomers
Cable Shield Material
Aluminum-Mylar Foil with Braid
Performance
Maximum Cable Length
39.4 in [1000 mm]
Type and Rate
USB 2.0 - 480 Mbit/s
Connector(s)
Connector A
1 - USB Type-C (24-pin) USB 2.0 (480Mbps)
Connector B
1 - USB Type-C (24-pin) USB 2.0 (480Mbps)
Power
Power Delivery
60W
Environmental
Operating Temperature
0 to 50C (32 to 122F)
Storage Temperature
0 to 50C (32 to 122F)
Humidity
0%~85%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com