Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBN7012 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN7012
Description  70MHz SAW Filter 18MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN7012 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN7012 Datasheet HTML 1Page - SIPAT Co,Ltd LBN7012 Datasheet HTML 2Page - SIPAT Co,Ltd LBN7012 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN7012
Rev. Date
2006-2-20
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
70MHz SAW Filter
18MHz Bandwidth
Part Number:LBN7012
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
69.8
70
70.2
Insertion Loss
dB
-
23.3
26
1 dB Bandwidth
MHz
17.6
17.9
-
3 dB Bandwidth
MHz
18
19.1
-
40 dB Bandwidth
MHz
-
23.3
23.5
50 dB Bandwidth
MHz
-
23.8
-
Passband Variation
dB
-
0.5
0.6
Absolute Delay
usec
-
1.54
-
Phase Linearity(f0±8MHz)
deg
-
4
-
Group Delay Variation(f0±8MHz)
nsec
-
40
60
Ultimate Rejection
dB
50
58
-
Material Temperature coefficient
KHz/°C
-5.74
Ambient Temperature
°C
25
Package Size
DIP2212
(22.2x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=270nH
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.


Similar Part No. - LBN7012

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN7012 SIPAT-LBN7012 Datasheet
145Kb / 3P
70MHz SAW Filter
More results

Similar Description - LBN7012

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN70A53 SIPAT-LBN70A53 Datasheet
145Kb / 3P
70MHz SAW Filter 18MHz Bandwidth
LBN70A54 SIPAT-LBN70A54 Datasheet
145Kb / 3P
70MHz SAW Filter 18MHz Bandwidth
LBN70A55 SIPAT-LBN70A55 Datasheet
144Kb / 3P
70MHz SAW Filter 18MHz Bandwidth
LBN04405 SIPAT-LBN04405 Datasheet
145Kb / 3P
44MHz SAW Filter 18MHz Bandwidth
LBT11543 SIPAT-LBT11543 Datasheet
138Kb / 3P
115MHz SAW Filter 18MHz Bandwidth
LBT16037 SIPAT-LBT16037 Datasheet
137Kb / 3P
160MHz SAW Filter 18MHz Bandwidth
LBN140A63 SIPAT-LBN140A63 Datasheet
185Kb / 3P
140MHz SAW Filter 18MHz Bandwidth
LBN12041 SIPAT-LBN12041 Datasheet
149Kb / 3P
120MHz SAW Filter 18MHz Bandwidth
LBT11543 SIPAT-LBT11543 Datasheet
143Kb / 3P
115MHz SAW Filter 18MHz Bandwidth
LBT16037 SIPAT-LBT16037 Datasheet
143Kb / 3P
160MHz SAW Filter 18MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com