Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8599TRZ-EP-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8599TRZ-EP-R7
Description  Dual, Ultralow Distortion, Ultralow Noise Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8599TRZ-EP-R7 Datasheet(HTML) 4 Page - Analog Devices

  AD8599TRZ-EP-R7 Datasheet HTML 1Page - Analog Devices AD8599TRZ-EP-R7 Datasheet HTML 2Page - Analog Devices AD8599TRZ-EP-R7 Datasheet HTML 3Page - Analog Devices AD8599TRZ-EP-R7 Datasheet HTML 4Page - Analog Devices AD8599TRZ-EP-R7 Datasheet HTML 5Page - Analog Devices AD8599TRZ-EP-R7 Datasheet HTML 6Page - Analog Devices AD8599TRZ-EP-R7 Datasheet HTML 7Page - Analog Devices AD8599TRZ-EP-R7 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD8599-EP
Enhanced Product
Rev. 0 | Page 4 of 8
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
±18 V
Input Voltage
−V ≤ VIN ≤ +V
Differential Input Voltage1
±1 V
Output Short-Circuit to GND
Indefinite
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−55°C to +125°C
Lead Temperature (Soldering 60 sec)
300°C
Junction Temperature
150°C
1
If the differential input voltage exceeds 1 V, limit the current to 5 mA.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified with the device soldered on a circuit board with
its exposed paddle soldered to a pad (if applicable) on a 4-layer
JEDEC standard PCB with zero air flow.
Table 3.
Package Type
θJA
θJC
Unit
8-Lead SOIC (R-8)
120
36
°C/W
POWER SEQUENCING
Apply the op amp supplies simultaneously. The op amp supplies
must be stable before any input signals are applied. In any case,
the input current must be limited to 5 mA.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com