Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9511 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9511
Description  1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9511 Datasheet(HTML) 2 Page - Analog Devices

  AD9511 Datasheet HTML 1Page - Analog Devices AD9511 Datasheet HTML 2Page - Analog Devices AD9511 Datasheet HTML 3Page - Analog Devices AD9511 Datasheet HTML 4Page - Analog Devices AD9511 Datasheet HTML 5Page - Analog Devices AD9511 Datasheet HTML 6Page - Analog Devices AD9511 Datasheet HTML 7Page - Analog Devices AD9511 Datasheet HTML 8Page - Analog Devices AD9511 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
AD9511
Rev. B | Page 2 of 60
TABLE OF CONTENTS
Specifications .................................................................................... 4
 
PLL Characteristics ...................................................................... 4
 
Clock Inputs.................................................................................. 5
 
Clock Outputs............................................................................... 6
 
Timing Characteristics ................................................................ 7
 
Clock Output Phase Noise .......................................................... 9
 
Clock Output Additive Time Jitter .......................................... 12
 
PLL and Distribution Phase Noise and Spurious .................. 14
 
Serial Control Port ..................................................................... 15
 
FUNCTION Pin ......................................................................... 15
 
STATUS Pin................................................................................ 16
 
Power ........................................................................................... 16
 
Timing Diagrams............................................................................ 17
 
Absolute Maximum Ratings ......................................................... 18
 
Thermal Characteristics ............................................................ 18
 
ESD Caution................................................................................ 18
 
Pin Configuration and Function Descriptions .......................... 19
 
Terminology.................................................................................... 21
 
Typical Performance Characteristics........................................... 22
 
Typical Modes of Operation ......................................................... 26
 
PLL with External VCXO/VCO Followed by Clock
Distribution................................................................................. 26
 
Clock Distribution Only............................................................ 26
 
PLL with External VCO and Band-Pass Filter Followed by
Clock Distribution ..................................................................... 27
 
Functional Description.................................................................. 29
 
Overall.......................................................................................... 29
 
PLL Section ................................................................................. 29
 
PLL Reference Input—REFIN.............................................. 29
 
VCO/VCXO Clock Input—CLK2 ....................................... 29
 
PLL Reference Divider—R.................................................... 29
 
VCO/VCXO Feedback Divider—N (P, A, B) .................... 29
 
A and B Counters................................................................... 30
 
Determining Values for P, A, B, and R ............................... 30
 
Phase Frequency Detector (PFD) and Charge Pump ....... 31
 
Antibacklash Pulse................................................................. 31
 
STATUS Pin ........................................................................... 31
 
PLL Digital Lock Detect ........................................................ 31
 
PLL Analog Lock Detect ....................................................... 32
 
Loss of Reference.................................................................... 32
 
FUNCTION Pin......................................................................... 32
 
RESETB: 58h<6:5> = 00b (Default) .................................... 32
 
SYNCB: 58h<6:5> = 01b ....................................................... 32
 
PDB: 58h<6:5> = 11b ............................................................ 33
 
Distribution Section................................................................... 33
 
CLK1 and CLK2 Clock Inputs ................................................. 33
 
Dividers ....................................................................................... 33
 
Setting the Divide Ratio ........................................................ 33
 
Setting the Duty Cycle........................................................... 33
 
Divider Phase Offset .............................................................. 37
 
Delay Block ................................................................................. 38
 
Calculating the Delay ............................................................ 38
 
Outputs ........................................................................................ 38
 
Power-Down Modes.................................................................. 39
 
Chip Power-Down or Sleep Mode—PDB .......................... 39
 
PLL Power-Down .................................................................. 39
 
Distribution Power-Down.................................................... 39
 
Individual Clock Output Power-Down .............................. 39
 
Individual Circuit Block Power-Down............................... 39
 
Reset Modes ................................................................................ 40
 
Power-On Reset—Start-Up Conditions when VS is
Applied .................................................................................... 40
 
Asynchronous Reset via the FUNCTION Pin................... 40
 
Soft Reset via the Serial Port................................................. 40
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com