Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP380 Datasheet(PDF) 8 Page - Analog Devices

Part # ADCMP380
Description  Ultralow Power Voltage Comparator with Reference
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP380 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADCMP380 Datasheet HTML 2Page - Analog Devices ADCMP380 Datasheet HTML 3Page - Analog Devices ADCMP380 Datasheet HTML 4Page - Analog Devices ADCMP380 Datasheet HTML 5Page - Analog Devices ADCMP380 Datasheet HTML 6Page - Analog Devices ADCMP380 Datasheet HTML 7Page - Analog Devices ADCMP380 Datasheet HTML 8Page - Analog Devices ADCMP380 Datasheet HTML 9Page - Analog Devices ADCMP380 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ADCMP380
Data Sheet
Rev. B | Page 8 of 10
THEORY OF OPERATION
The ADCMP380 ultralow power voltage comparator is especially
suited for battery-powered applications due to the maximum
190 nA quiescent current. The internal precision reference
and the low input leakage current allow the user to monitor the
voltage of interest accurately through external resistor dividers.
The device features internal input hysteresis and an open-drain
output. The output remains logic high after the voltage on the
IN pin is above the internal reference voltage. The device keeps
the output in a logic low state whenever the supply voltage on
the VCC pin is below the UVLO threshold. The output can be
disabled and remains low if the EN pin is pulled low, regardless of
the status of the IN pin.
TRANSIENT IMMUNITY
To avoid unnecessary output state change caused by fast power
supply transients, an input glitch filter is added to the IN pin of
the ADCMP380 to filter out the transient glitches on the pin.
Figure 8 shows the comparator overdrive (that is, the maximum
magnitude of positive and negative going pulses with respect to
the reference voltage) vs. the pulse duration without changing
the state of the output.
OUTPUT
The output of ADCMP380 comparator is open-drain. The
output is guaranteed to be logic low from when VCC = 0.9 V to
when the device exits ULVO.
When the IN voltage falls below the internal reference voltage,
the OUT pin asserts low within 23 μs (typical). When the
monitored voltage rises above the reference voltage plus
hysteresis, the OUT pin asserts high within 39.5 μs.
EN INPUT
Driving EN low asserts the output low. The EN input has a
0.6 MΩ internal pull-up resistor so that the input is always high
when unconnected. To drive the EN input, use an external signal
or a push-button switch to ground; debounce circuitry is integrated
on-chip for this purpose. Noise immunity is provided on the EN
input, and fast, negative going transients of up to 0.4 μs (typical) are
ignored. If required, a 0.1 μF capacitor between the EN pin and
ground provides additional noise immunity.
Figure 14. Timing Diagram
ADDING HYSTERESIS
To prevent oscillations at the output caused by noise or slowly
moving signals passing the switching threshold, positive feedback
can add hysteresis to the input.
For the configuration shown in Figure 15, connect the bottom
end of the input resistor divider to the output; the effective
threshold is altered based on the output state.
The input falling threshold level is given by
PULLUP
SUPPLY
PULLUP
REF
FALL
IN
R
R2
R1
V
R
R2
R1
V
V
–
_
where VREF = 0.6 V, assuming RLOAD >> R2 and RPULLUP, where
RLOAD is the resistance on the load.
The input rising threshold level is given by
R2
R2
R1
V
V
REF
RISE
IN
_
The additional hysteresis is the difference between these voltage
levels and is given by
PULLUP
SUPPLY
PULLUP
REF
IN
R
R2
R2
R2
R1R2
V
R1R
V
V
Note that the built in hysteresis of the device is neglected in this
calculation.
Figure 15. Configuration with Added Hysteresis
VCC SLEW RATE CONSIDERATION
A fast VCC ramp (μs range) on power-up can cause the device
to behave in an irregular manner. In applications where a high
slew rate on VCC is possible, for example, powering up using a
battery pack, it is recommended that an RC filter is used to reduce
the slew rate. RC combinations of 3.3 kΩ + 2.2 μF and 1 kΩ + 10 μF
have been tested and identified as safe options.
VCC
OUT
EN
UVLOR
EN EXTERNALLY
DRIVEN LOW
IN VREF + VHYST
tPD
tPD
tD_EN
tD_EN
VREF
IN
R1
R2
VIN
VSUPPLY
VCC
EN
GND
RLOAD
RPULLUP
OUT
REF
ADCMP380



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com