Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP380-1 Datasheet(PDF) 5 Page - Analog Devices

Part # ADCMP380-1
Description  Ultralow Power Voltage Comparator with Reference
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP380-1 Datasheet(HTML) 5 Page - Analog Devices

  ADCMP380-1 Datasheet HTML 1Page - Analog Devices ADCMP380-1 Datasheet HTML 2Page - Analog Devices ADCMP380-1 Datasheet HTML 3Page - Analog Devices ADCMP380-1 Datasheet HTML 4Page - Analog Devices ADCMP380-1 Datasheet HTML 5Page - Analog Devices ADCMP380-1 Datasheet HTML 6Page - Analog Devices ADCMP380-1 Datasheet HTML 7Page - Analog Devices ADCMP380-1 Datasheet HTML 8Page - Analog Devices ADCMP380-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Data Sheet
ADCMP380
Rev. B | Page 5 of 10
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
A1
VCC
Power Supply Input. It is recommended to place a 0.1 μF decoupling capacitor between the VCC pin and the GND pin.
A2
GND
Ground. Both GND pins on the ADCMP380 must be grounded.
B1
EN
Active High Output Enable Input. If required, a 0.1 μF capacitor between the EN pin and ground provides
additional noise immunity.
B2
GND
Ground. Both GND pins on the ADCMP380 must be grounded.
C1
IN
Comparator Input.
C2
OUT
Open-Drain Comparator Output.
VCC GND
IN
EN
OUT
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
1
A
B
C
2
BALL A1
INDICATOR
GND



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com