Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4206 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF4206
Description  Dual RF PLL Frequency Synthesizers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4206 Datasheet(HTML) 3 Page - Analog Devices

  ADF4206 Datasheet HTML 1Page - Analog Devices ADF4206 Datasheet HTML 2Page - Analog Devices ADF4206 Datasheet HTML 3Page - Analog Devices ADF4206 Datasheet HTML 4Page - Analog Devices ADF4206 Datasheet HTML 5Page - Analog Devices ADF4206 Datasheet HTML 6Page - Analog Devices ADF4206 Datasheet HTML 7Page - Analog Devices ADF4206 Datasheet HTML 8Page - Analog Devices ADF4206 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADF4206/ADF4208
Rev. A | Page 3 of 24
SPECIFICATIONS
VDD1 = VDD2 = 3 V ± 10%, 5 V ± 10%; VDD1, VDD2 ≤ VP1, VP2 ≤ 6.0 V; AGNDRF1 = DGNDRF1 = AGNDRF2 = DGNDRF2 = 0 V;
TA = TMIN to TMAX, unless otherwise noted; dBm referred to 50 Ω.
Table 1.
Parameter
B Version1
B Chips2
Unit
Test Conditions/Comments
RF/IF CHARACTERISTICS (3 V)
See Figure 22 for input circuit
RF1 Input Frequency (RF1IN)
ADF4206
0.05/0.55
0.05/0.55
GHz min/max
For f < 50 MHz ensure SR > 23 V/μs
ADF4208
0.08/2.0
0.08/2.0
GHz min/max
For f < 50 MHz ensure SR > 37 V/μs
RF Input Sensitivity
–15/+4
−15/+4
dBm min/max
IF Input Frequency (RF2IN)
ADF4206
0.05/0.55
0.05/0.55
GHz min/max
For f < 50 MHz ensure SR > 23 V/μs
ADF4208
0.08/1.1
0.08/1.1
GHz min/max
For f < 50 MHz ensure SR > 37 V/μs
IF Input Sensitivity
−15/+4
−15/+4
dBm min/max
Maximum Allowable Prescaler
165
165
MHz max
Output Frequency3
RF CHARACTERISTICS (5 V)
RF1 Input Frequency (RF1IN)
ADF4206
0.05/0.55
0.05/0.55
GHz min/max
For f < 50 MHz ensure SR > 32 V/μs
ADF4208
0.08/2.0
0.08/2.0
GHz min/max
For f < 50 MHz ensure SR > 51 V/μs
RF Input Sensitivity
−10/+4
−10/+4
dBm min/max
IF Input Frequency (RF2IN)
MHz min/max
ADF4206
0.05/0.55
0.05/0.55
GHz min/max
For f < 50 MHz ensure SR > 32 V/μs
ADF4208
0.08/1.1
0.08/1.1
GHz min/max
For f < 50 MHz ensure SR > 51 V/μs
IF Input Sensitivity
−10/+4
–10/+4
dBm min/max
Maximum Allowable Prescaler
200
200
MHz max
Output Frequency3
REFIN CHARACTERISTICS
REFIN Input Frequency
5/40
5/40
MHz min/max
For f < 5 MHz ensure SR > 9 V/μs
REFIN Input Sensitivity4
−2
−2
dBm min
REFIN Input Capacitance
10
10
pF max
REFIN Input Current
±100
±100
μA max
PHASE DETECTOR
Phase Detector Frequency5
55
55
MHz max
CHARGE PUMP
ICP Sink/Source
High Value
5
5
mA typ
Low Value
1.25
1.25
mA typ
Absolute Accuracy
2.5
2.5
% typ
ICP Three-State Leakage Current
1
1
nA typ
LOGIC INPUTS
VINH, Input High Voltage
0.8 × VDD
0.8 × VDD
V min
VINL, Input Low Voltage
0.2 × VDD
0.2 × VDD
V max
IINH/IINL, Input Current
±1
±1
μA max
CIN, Input Capacitance
10
10
pF max
LOGIC OUTPUTS
VOH, Output High Voltage
VDD − 0.4
VDD − 0.4
V min
IOH = 500 μA
VOL, Output Low Voltage
0.4
0.4
V max
IOL = 500 μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com