Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG726BCPZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADG726BCPZ
Description  16-/32-Channel, 4 Ω, 1.8 V to 5.5 V and
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG726BCPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADG726BCPZ Datasheet HTML 10Page - Analog Devices ADG726BCPZ Datasheet HTML 11Page - Analog Devices ADG726BCPZ Datasheet HTML 12Page - Analog Devices ADG726BCPZ Datasheet HTML 13Page - Analog Devices ADG726BCPZ Datasheet HTML 14Page - Analog Devices ADG726BCPZ Datasheet HTML 15Page - Analog Devices ADG726BCPZ Datasheet HTML 16Page - Analog Devices ADG726BCPZ Datasheet HTML 17Page - Analog Devices ADG726BCPZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
ADG726/ADG732
Data Sheet
Rev. C | Page 14 of 21
A31
A21
A11
A01
EN1
CSA
CSB
WR1
On Switch
1
1
0
0
0
0
0
0
S13A to DA, S13B to DB
1
1
0
1
0
0
0
0
S14A to DA, S14B to DB
1
1
1
0
0
0
0
0
S15A to DA, S15B to DB
1
1
1
1
0
0
0
0
S16A to DA, S16B to DB
1 X is don’t care, L is low, and H is high.
Table 11. ADG732 Truth Table
A41
A31
A21
A11
A01
EN1
CS
WR1
Switch Condition
X
X
X
X
X
X
1
L
→ H
Latches control input data
X
X
X
X
X
X
1
X
No change in switch condition
X
X
X
X
X
1
X
X
None
0
0
0
0
0
0
0
0
1
0
0
0
0
1
0
0
0
2
0
0
0
1
0
0
0
0
3
0
0
0
1
1
0
0
0
4
0
0
1
0
0
0
0
0
5
0
0
1
0
1
0
0
0
6
0
0
1
1
0
0
0
0
7
0
0
1
1
1
0
0
0
8
0
1
0
0
0
0
0
0
9
0
1
0
0
1
0
0
0
10
0
1
0
1
0
0
0
0
11
0
1
0
1
1
0
0
0
12
0
1
1
0
0
0
0
0
13
0
1
1
0
1
0
0
0
14
0
1
1
1
0
0
0
0
15
0
1
1
1
1
0
0
0
16
1
0
0
0
0
0
0
0
17
1
0
0
0
1
0
0
0
18
1
0
0
1
0
0
0
0
19
1
0
0
1
1
0
0
0
20
1
0
1
0
0
0
0
0
21
1
0
1
0
1
0
0
0
22
1
0
1
1
0
0
0
0
23
1
0
1
1
1
0
0
0
24
1
1
0
0
0
0
0
0
25
1
1
0
0
1
0
0
0
26
1
1
0
1
0
0
0
0
27
1
1
0
1
1
0
0
0
28
1
1
1
0
0
0
0
0
29
1
1
1
0
1
0
0
0
30
1
1
1
1
0
0
0
0
31
1
1
1
1
1
0
0
0
32
1 X is don’t care, L is low, and H is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com