Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP482 Datasheet(PDF) 10 Page - Analog Devices

Part # OP482
Description  Analog Devices Wiki
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP482 Datasheet(HTML) 10 Page - Analog Devices

Back Button OP482 Datasheet HTML 5Page - Analog Devices OP482 Datasheet HTML 6Page - Analog Devices OP482 Datasheet HTML 7Page - Analog Devices OP482 Datasheet HTML 8Page - Analog Devices OP482 Datasheet HTML 9Page - Analog Devices OP482 Datasheet HTML 10Page - Analog Devices OP482 Datasheet HTML 11Page - Analog Devices OP482 Datasheet HTML 12Page - Analog Devices OP482 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
7/12/22, 4:48 PM
ADALP2000 Product Description [Analog Devices Wiki]
https://wiki.analog.com/university/tools/adalp2000/parts-index
10/13
Picture
Part Number
Description
Link
(/_detail/university/tools/adalp2000/irf510.jpg?
id=university%3Atools%3Aadalp2000%3Aparts-index)
IRF510
N-Channel
MOSFET 100V
TO-220 Link
Marking:
IRF510
Datasheet [http://www.vishay.com/docs/91015/sihf510.pdf]
(/_detail/university/tools/adalp2000/tip31.jpg?
id=university%3Atools%3Aadalp2000%3Aparts-index)
TIP31CFS
NPN Epitaxial
Transistor TO-
220 Link
Marking: TIP31
Datasheet [http://www.mouser.com/ds/2/149/fairchild%20semiconductor_tip31a-549394.pdf]
(/_detail/university/tools/adalp2000/tip32.jpg?
id=university%3Atools%3Aadalp2000%3Aparts-index)
TIP32CFS
PNP Epitaxial
Transisitor TO-
220 Link
Marking: TIP32
Datasheet [https://www.mouser.com/ds/2/149/TIP32C-890156.pdf]
(/_detail/university/tools/adalp2000/zvn2110a.jpg?
id=university%3Atools%3Aadalp2000%3Aparts-index)
ZVN2110A
N-Channel
Enhancement
FET TO-92
Link Marking:
ZVN211
Datasheet [https://www.diodes.com/assets/Datasheets/ZVN2110A.pdf]
(/_detail/university/tools/adalp2000/zvn3310.jpg?
id=university%3Atools%3Aadalp2000%3Aparts-index)
ZVN3310
N-Channel
Enhancement
Transistor TO-
92 Link
Marking:
ZVN211
Datasheet [https://www.diodes.com/assets/Datasheets/ZVN3310A.pdf]
(/_detail/university/tools/adalp2000/zvp2110a.jpg?
id=university%3Atools%3Aadalp2000%3Aparts-index)
ZVP2110A
P-Channel
Enhancement
FET TO-92
Link Marking:
ZVP211
Datasheet [https://www.diodes.com/assets/Datasheets/ZVP2110A.pdf]
(/_detail/university/tools/adalp2000/leds.jpg?
id=university%3Atools%3Aadalp2000%3Aparts-index)
various LEDs (red, yellow, Green)
T-1 3/4 Link
(/_detail/university/tools/adalp2000/qed-123.jpg?
id=university%3Atools%3Aadalp2000%3Aparts-index)
QED-123
Infrared LED
T-1 3/4
Datasheet [https://www.onsemi.com/pub/Collateral/QED123-D.pdf]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com