Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD2923 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SD2923
Description  RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2923 Datasheet(HTML) 2 Page - STMicroelectronics

  SD2923 Datasheet HTML 1Page - STMicroelectronics SD2923 Datasheet HTML 2Page - STMicroelectronics SD2923 Datasheet HTML 3Page - STMicroelectronics SD2923 Datasheet HTML 4Page - STMicroelectronics SD2923 Datasheet HTML 5Page - STMicroelectronics SD2923 Datasheet HTML 6Page - STMicroelectronics SD2923 Datasheet HTML 7Page - STMicroelectronics SD2923 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ELECTRICAL SPECIFICATION (Tcase =25
oC)
STATIC
Symb ol
Parameter
Mi n.
Typ .
Max.
Un it
V(BR)DSS
VGS =0V
IDS = 200 mA
125
V
IDSS
VGS =0V
VDS =50 V
10
mA
IGSS
VGS =20V
VDS =0 V
10
µA
VGS(Q)
VDS =10V
ID =250 mA
2
5
V
VDS(ON)
VGS =10V
ID =20 A
3
V
gFS
VDS =10V
ID =10 A
8
mho
CISS
VGS =0V
VDS = 50 V
f = 1 MHz
825
pF
COSS
VGS =0V
VDS = 50 V
f = 1 MHz
390
pF
CRSS
VGS =0V
VDS = 50V
f = 1MHz
55
pF
DYNAMIC
Symb ol
Parameter
Mi n.
Typ .
Max.
Un it
POUT
f= 30 MHz
VDD =50 V
IDQ = 250 mA
300
400
W
GPS
f= 30 MHz
VDD =50 V
Pou t =300 W
IDQ = 250 mA
16
22
dB
ηD
f= 30 MHz
VDD =50 V
Pou t =300 W
IDQ = 250 mA
50
55
%
Load
Mismatch
f= 30 MHz
VDD =50 V
Pou t =300 W
IDQ =250 mA
All Phase Angles
5: 1
VSW R
IMPEDANCE DATA
FREQ .
ZIN (
Ω)ZDL (Ω)
30 MHz
1.8 - j 0. 2
2.8 + j 2.3
108 MHz
1.9 + j 0.2
1. 6 + j 1.4
150 MHz
1.9 + j 0.3
1. 5 + j 1.6
REF. 1019132C
SD2923
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com