Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM-317 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # DM-317
Description  PCB Flat Film Detectors (100 Ohm)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

DM-317 Datasheet(HTML) 2 Page - Labfacility Ltd

  DM-317 Datasheet HTML 1Page - Labfacility Ltd DM-317 Datasheet HTML 2Page - Labfacility Ltd DM-317 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
Detectors - 1
Dec-23
Specifications
General Description
PCB Mounting with solder pads
Sensor Type
Pt100 to IEC751
Max. Temperature
+150°C
Min. Temperature
-50°C
Detector Dimensions
3.2mm x 1.6mm, 0.9mm thickness
Features #1
Resists vibration & shock
Features #2
Thin film construction
Ordering Information
Temperature Range
Type
Style
Size
Min
Max
Class Resistance Manufacturers
Code
Farnell
Order Code
Pt100
PCB
1.6 x 3.2mm
-50°C
+150°C
B
100 Ohm
DM-317-D
1289672



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com