Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4073238 Datasheet(PDF) 1 Page - Labfacility Ltd

Part # 4073238
Description  Standard Thermocouple Connector Plug & Socket AS-T-MF Type T ANSI
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

4073238 Datasheet(HTML) 1 Page - Labfacility Ltd

  4073238 Datasheet HTML 1Page - Labfacility Ltd 4073238 Datasheet HTML 2Page - Labfacility Ltd 4073238 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Standard Thermocouple Connector Plug &
Socket AS-T-M+F Type T ANSI
Labfacility are the UK’s leading manufacturer of Temperature Sensors, Thermocouple
Connectors and associated Temperature Instrumentation and stockists of Thermocouple
Cables. The Company has been trading since 1971 and is ISO 9001 accredited.
Labfacility have supplied Farnell for over 30 years, and an extensive range of our products are
available to buy online, from stock, direct from Farnell.


Similar Part No. - 4073238

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
4073235 LABFACILITY-4073235 Datasheet
772Kb / 3P
Miniature Thermocouple Connector Plug & Socket AM-K-MF Type K ANSI
Dec-23
4073236 LABFACILITY-4073236 Datasheet
771Kb / 3P
Standard Thermocouple Connector Plug & Socket AS-K-MF Type K ANSI
Dec-23
4073237 LABFACILITY-4073237 Datasheet
772Kb / 3P
Miniature Thermocouple Connector Plug & Socket AM-T-MF Type T ANSI
Dec-23
4073239 LABFACILITY-4073239 Datasheet
820Kb / 3P
Miniature Quick Wire Connector Thermocouple Plug & Socket AM-K-MQFQ Type K ANSI
Dec-23
More results

Similar Description - 4073238

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6737 POMONA-6737 Datasheet
217Kb / 1P
75 廓 BNC Adapters BNC (F/F), BNC (F/F/F)-T, BNC (F/M/F)-T, BNC (M/M)
logo
Rohm
SML-P12PT ROHM-SML-P12PT Datasheet
125Kb / 3P
0402<1.0 0.6 t=0.2mm> Standard Type
SMLP12WB ROHM-SMLP12WB Datasheet
121Kb / 3P
0402<1.0 0.6 t=0.2mm> Standard Type
SLI-343P8C ROHM-SLI-343P8C Datasheet
185Kb / 5P
3.1(T-1) Circular Type Standard Type
logo
Winchester Electronics ...
SDKA-91-16 WINCHESTER-SDKA-91-16 Datasheet
82Kb / 1P
TNC (F-M-F) T ADAPTER
logo
Rohm
SML-210PTT86L ROHM-SML-210PTT86L Datasheet
164Kb / 3P
0805<2.0 1.25 t=0.8mm> Standard Type
90885 ROHM-90885 Datasheet
112Kb / 3P
0603<1.6 0.8 t=0.55mm> Standard Type
logo
WAGO Kontakttechnik Gmb...
750-469-000-002 WAGO-750-469-000-002 Datasheet
442Kb / 11P
2-channel analog input; Thermocouple T; Diagnostics
logo
TE Connectivity Ltd
C-2379239 TEC-C-2379239 Datasheet
884Kb / 2P
NECTOR T, 3Pos, SOCKET CONNECTOR CRIMP TYPE
logo
PHOENIX CONTACT
1424712 PHOENIX-1424712 Datasheet
1Mb / 5P
T distributor - SAC-5PT-F/F-M VP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com