Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4073491 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # 4073491
Description  3.4kg Pull Magnet Thermocouple, PFA Insulated Cable with Stainless Steel Over-Braid Terminating in Miniature or Standard Plug - IEC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

4073491 Datasheet(HTML) 2 Page - Labfacility Ltd

  4073491 Datasheet HTML 1Page - Labfacility Ltd 4073491 Datasheet HTML 2Page - Labfacility Ltd 4073491 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
TC-14
Nov-23
Specifications
General Description
Rapid, reliable temperature sensing on ferrous surfaces
Thermocouple Type
K
Thermocouple
Junction
Grounded measuring junction
Magnet
1” diameter (3.4kg pull)
Cable Length
1 or 3 metre
Cable Type
stainless steel over-braided PFA Teflon®
Cable Termination
Fitted Miniature or Standard Plug
Max. Temperature
+250°C (200°C Plug)
Standards Met
IEC
Ordering Information
Type
Cable
Length
Pull
Termination
Manufacturers Code
Farnell
Order Code
K
1m
3.4 kg Pull
Miniature Plug BMS-K-1M-MP (3.4kg Pull)
4073493
K
3m
3.4 kg Pull
Miniature Plug BMS-K-3M-MP (3.4kg Pull)
4073491
K
1m
3.4 kg Pull
Standard Plug
BMS-K-1M-SP (3.4kg Pull)
4155994
K
3m
3.4 kg Pull
Standard Plug
BMS-K-3M-SP (3.4kg Pull)
4155995



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com