Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4156001 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # 4156001
Description  1.9kg Pull Button Magnet Thermocouple, PFA Insulated Cable with Stainless Steel Over-Braid Terminating in Miniature or Standard Plug - JIS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

4156001 Datasheet(HTML) 2 Page - Labfacility Ltd

  4156001 Datasheet HTML 1Page - Labfacility Ltd 4156001 Datasheet HTML 2Page - Labfacility Ltd 4156001 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
TC-16
Nov-23
Specifications
General Description
1.9kg Pull Button Magnet Thermocouple
Sensor Type
Magnet Thermocouple
Thermocouple Type
Type K
Magnet
19.1mm Diameter / 12.7mm height. Max Pull: 1.9kg
Cable Length
1.0m or 2.0m
Cable Type
PFA Insulated Cable with stainless steel overbraid
Core / Strands
7/0.2mm
Termination Type
Miniature or Standard Plug
Max. Temperature
250°C
Min. Temperature
-50°C
Standards Met
JIS
Ordering Information
Type Cable
Length
Pull
Termination
Manufacturers Code
Farnell
Order Code
K
1m
1.9 kg Pull Miniature Plug
BMS-K-1M-MP-J (1.9kg Pull)
4155999
K
2m
1.9 kg Pull Miniature Plug
BMS-K-2M-MP-J (1.9kg Pull)
4156000
K
1m
1.9 kg Pull
Standard Plug
BMS-K-1M-SP-J (1.9kg Pull)
4156001
K
2m
1.9 kg Pull
Standard Plug
BMS-K-2M-SP-J (1.9kg Pull)
4156002



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com