Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16505-3/PCBZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADIS16505-3/PCBZ
Description  Precision, Miniature MEMS IMU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16505-3/PCBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADIS16505-3/PCBZ Datasheet HTML 17Page - Analog Devices ADIS16505-3/PCBZ Datasheet HTML 18Page - Analog Devices ADIS16505-3/PCBZ Datasheet HTML 19Page - Analog Devices ADIS16505-3/PCBZ Datasheet HTML 20Page - Analog Devices ADIS16505-3/PCBZ Datasheet HTML 21Page - Analog Devices ADIS16505-3/PCBZ Datasheet HTML 22Page - Analog Devices ADIS16505-3/PCBZ Datasheet HTML 23Page - Analog Devices ADIS16505-3/PCBZ Datasheet HTML 24Page - Analog Devices ADIS16505-3/PCBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
Data Sheet
ADIS16505
Rev. C | Page 21 of 41
LATENCY
Table 8 contains the group delay for each inertial sensor when
the ADIS16505 is operating with the factory default settings for
the FILT_CTRL (see Table 101) and DEC_RATE (see Table 109)
registers.
Table 8. Group Delay with No Filtering
Inertial Sensor
Group Delay (ms)1
Accelerometer
1.57
Gyroscope (X-Axis)
1.51
Gyroscope (Y-Axis)
1.51
Gyroscope (Z-Axis)
1.29
1 In this context, latency represents the time between the motion (linear
acceleration and/or angular rate of rotation) and the time that the
representative data is available in the output data register.
When the FILT_CTRL register is not equal to 0, the group
delay contribution of the Bartlett window filter (in terms of
sample cycles) is equal to N (see Table 102). When the DEC_RATE
register is not equal to 0, the group delay contribution of the
decimation filter (in terms of sample cycles) is equal D + 1,
divided by 2 (see Table 110).
Data Acquisition
The total latency is equal to the sum of the group delay and
the data acquisition time, which represents the time it takes the
system processor to read the data from the output data registers
of the ADIS16505. For example, when using the burst read
function, with an SCLK rate of 1 MHz, the data acquisition
time is equal to 176 μs (11 segments × 16 SCLKs/segment ×
1 μs/SCLK).
DEVICE CONFIGURATION
Each configuration register contains 16 bits (two bytes). Bits[7:0]
contain the low byte, and Bits[15:8] contain the high byte. Each
byte has its own unique address in the user register map (see
Table 9). Updating the contents of a register requires writing to
both of its bytes in the following sequence: low byte first, high
byte second. There are three parts to coding a SPI command
(see Figure 40) that write a new byte of data to a register: the
write bit (R/W = 1), the address of the byte, [A6:A0], and the new
data for that location, [DC7:DC0]. Figure 46 shows a coding
example for writing 0x0004 to the FILT_CTRL register (see
Table 102). In Figure 46, the 0xDC04 command writes 0x04 to
Address 0x5C (lower byte) and the 0xDD00 command writes
0x00 to Address 0x5D (upper byte).
CS
SCLK
DIN
0xDC04
0xDD00
Figure 46. SPI Sequence for Writing 0x0004 to FILT_CTRL
MEMORY STRUCTURE
Figure 47 provides a functional diagram for the memory
structure of the ADIS16505. The flash memory bank contains
the operational code, unit specific calibration coefficients, and
user configuration settings. During initialization (power
application or reset recover), this information loads from the
flash memory into the static random access memory (SRAM),
which supports all normal operation including register access
through the SPI port. Writing to a configuration register using
the SPI updates the SRAM location of the register but does not
automatically update its settings in the flash memory bank. The
manual flash memory update command (Register GLOB_CMD,
Bit 3, see Table 112) provides a convenient method for saving
all of these settings to the flash memory bank at one time. A yes
in the flash backup column of Table 9 identifies the registers
that have storage support in the flash memory bank.
NONVOLATILE
FLASH MEMORY
(NO SPI ACCESS)
MANUAL
FLASH
BACKUP
START-UP
RESET
VOLATILE
SRAM
SPI ACCESS
Figure 47. SRAM and Flash Memory Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com