Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV4530BCCZ Datasheet(PDF) 52 Page - Analog Devices

Part # ADMV4530BCCZ
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530BCCZ Datasheet(HTML) 52 Page - Analog Devices

Back Button ADMV4530BCCZ Datasheet HTML 48Page - Analog Devices ADMV4530BCCZ Datasheet HTML 49Page - Analog Devices ADMV4530BCCZ Datasheet HTML 50Page - Analog Devices ADMV4530BCCZ Datasheet HTML 51Page - Analog Devices ADMV4530BCCZ Datasheet HTML 52Page - Analog Devices ADMV4530BCCZ Datasheet HTML 53Page - Analog Devices ADMV4530BCCZ Datasheet HTML 54Page - Analog Devices ADMV4530BCCZ Datasheet HTML 55Page - Analog Devices ADMV4530BCCZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
Data Sheet
ADMV4530
REGISTER DETAILS
analog.com
Rev. C | 52 of 64
Table 38. Bit Descriptions for REG0027 (Continued)
Bits
Bit Name
Description
Reset
Recommended
Access
[1:0]
RF_PBS
Prescaler Bias Select.
0x0
0x1
R/W
00: +10%.
01: Nominal.
10: -10%.
11: -20%.
Address: 0x028, Reset: 0x00, Name: REG0028
Table 39. Bit Descriptions for REG0028
Bits
Bit Name
Description
Reset
Recommended
Access
[7:3]
RESERVED
Reserved.
0x0
0x0
R/W
[2:1]
LD_COUNT
Lock Detect Count. Sets the number of PFD cycles within the lock detect window before lock
detect goes high.
0x0
0x1
R/W
00: 1024 cycles.
01: 2048 cycles.
10: 4096 cycles.
11: 8192 cycles.
0
LOL_EN
Loss of Lock Enable. When loss of lock is enabled, if the digital lock detect is asserted, and the
reference signal is removed, then the digital lock detect goes low. It is recommended to set this
bit to 1.
0x0
0x1
R/W
0: disable.
1: enable.
Address: 0x02A, Reset: 0x00, Name: REG002A
Table 40. Bit Descriptions for REG002A
Bits
Bit Name
Description
Reset
Recommended
Access
[7:6]
RESERVED[1:0]
Reserved
0x0
0x0
R/W
5
CP_BLEED_POL
Bleed Polarity
0x0
0x0
R/W
0: negative (nominal)
1: positive (not recommended)
4
RESERVED
Reserved.
0x0
0x0
R/W
3
CSB_SYNC
CS Synchronization (with REF_IN Signal)
0x0
0x0
R/W
0: disable
1: enable
[2:0]
RESERVED
Reserved
0x0
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com