Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP150 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP150
Description  Ultralow Noise, 150 mA, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP150 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP150 Datasheet HTML 9Page - Analog Devices ADP150 Datasheet HTML 10Page - Analog Devices ADP150 Datasheet HTML 11Page - Analog Devices ADP150 Datasheet HTML 12Page - Analog Devices ADP150 Datasheet HTML 13Page - Analog Devices ADP150 Datasheet HTML 14Page - Analog Devices ADP150 Datasheet HTML 15Page - Analog Devices ADP150 Datasheet HTML 16Page - Analog Devices ADP150 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
ADP150
APPLICATIONS INFORMATION
analog.com
Rev. E | 13 of 20
CEFF = 0.94 µF × (1 − 0.15) × (1 − 0.1) = 0.719 µF
Therefore, the capacitor chosen in this example meets the mini-
mum capacitance requirement of the LDO over temperature and
tolerance at the chosen output voltage.
To guarantee the performance of the ADP150, it is imperative that
the effects of the dc bias, temperature, and tolerances on the
behavior of the capacitors be evaluated for each.
UNDERVOLTAGE LOCKOUT
The ADP150 has an internal undervoltage lockout circuit that disa-
bles all inputs and the output when the input voltage is less than
approximately 2.0 V. This ensures that the ADP150 inputs and
output behave in a predictable manner during power-up.
ENABLE FEATURE
The ADP150 uses the EN pin to enable and disable the VOUT pin
under normal operating conditions. As shown in Figure 30, when a
rising voltage on EN crosses the active threshold, VOUT turns on.
When a falling voltage on EN crosses the inactive threshold, VOUT
turns off.
Figure 30. Typical EN Pin Operation
As shown in Figure 30, the EN pin has hysteresis built in. This
prevents on/off oscillations that can occur due to noise on the EN
pin as it passes through the threshold points.
The EN pin active/inactive thresholds are derived from the VIN volt-
age; therefore, these thresholds vary with changing input voltage.
Figure 31 shows the typical EN active/inactive thresholds when the
input voltage varies from 2.2 V to 5.5 V.
Figure 31. Typical EN Pin Thresholds vs. Input Voltage (VIN)
The ADP150 uses an internal soft start to limit the inrush current
when the output is enabled. The start-up time for the 3.3 V option
is approximately 150 µs from the time the EN active threshold is
crossed to when the output reaches 90% of its final value. As
shown in Figure 32, the start-up time is dependent on the output
voltage setting.
Figure 32. Typical Start-Up Time
CURRENT LIMIT AND THERMAL OVERLOAD
PROTECTION
The ADP150 is protected against damage due to excessive power
dissipation by current and thermal overload protection circuits. The
ADP150 is designed to limit current when the output load reaches
260 mA (typical). When the output load exceeds 260 mA, the output
voltage is reduced to maintain a constant current limit.
Thermal overload protection is included, which limits the junction
temperature to a maximum of 150°C (typical). Under extreme
conditions (that is, high ambient temperature and power dissipation)
when the junction temperature starts to rise above 150°C, the
output is turned off, reducing the output current to zero. When the
junction temperature drops below 135°C, the output is turned on
again and the output current is restored to its nominal value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com