Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP197 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP197
Description  5 V, 3 A Logic Controlled High-Side Power Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP197 Datasheet(HTML) 2 Page - Analog Devices

  ADP197 Datasheet HTML 1Page - Analog Devices ADP197 Datasheet HTML 2Page - Analog Devices ADP197 Datasheet HTML 3Page - Analog Devices ADP197 Datasheet HTML 4Page - Analog Devices ADP197 Datasheet HTML 5Page - Analog Devices ADP197 Datasheet HTML 6Page - Analog Devices ADP197 Datasheet HTML 7Page - Analog Devices ADP197 Datasheet HTML 8Page - Analog Devices ADP197 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ADP197
Data Sheet
Rev. C | Page 2 of 13
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Typical Applications Circuit............................................................ 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Timing Diagram ........................................................................... 3
 
Absolute Maximum Ratings............................................................ 4
 
ESD Caution.................................................................................. 4
 
Pin Configurations and Function Descriptions ........................... 5
 
Typical Performance Characteristics ..............................................6
 
Theory of Operation ...................................................................... 10
 
Applications Information .............................................................. 11
 
Capacitor Selection .................................................................... 11
 
Ground Current.......................................................................... 11
 
Enable Feature ............................................................................ 11
 
Timing ......................................................................................... 12
 
Outline Dimensions ....................................................................... 13
 
Ordering Guide .......................................................................... 13
 
REVISION HISTORY
10/14—Rev. B to Rev. C
Added 6-lead LFCSP ..........................................................Universal
Changes to Features Section, General Description Section,
and Figure 1....................................................................................... 1
Changes to Table 1............................................................................ 3
Changes to Table 3............................................................................ 4
Added Figure 4 and Table 5; Renumbered Sequentially ............. 5
Added Figure 7.................................................................................. 6
Changes to Figure 9.......................................................................... 6
Changes to Figure 13........................................................................ 7
Changes to Theory of Operation Section.................................... 10
Changes to Figure 26 Caption....................................................... 11
Changes to Figure 29 to Figure 33 and Timing Section ............ 12
Added Figure 35, Outline Dimensions........................................ 13
Updated Outline Dimensions ....................................................... 13
Changes to Ordering Guide .......................................................... 13
5/12—Rev. A to Rev. B
Changes to Ordering Guide .......................................................... 13
11/11—Rev. 0 to Rev. A
Changed EN to GND Rating, Table 2 ............................................ 4
4/11—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com