Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP150AUJZ-2.0-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP150AUJZ-2.0-R7
Description  Ultralow Noise, 150 mA, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP150AUJZ-2.0-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP150AUJZ-2.0-R7 Datasheet HTML 12Page - Analog Devices ADP150AUJZ-2.0-R7 Datasheet HTML 13Page - Analog Devices ADP150AUJZ-2.0-R7 Datasheet HTML 14Page - Analog Devices ADP150AUJZ-2.0-R7 Datasheet HTML 15Page - Analog Devices ADP150AUJZ-2.0-R7 Datasheet HTML 16Page - Analog Devices ADP150AUJZ-2.0-R7 Datasheet HTML 17Page - Analog Devices ADP150AUJZ-2.0-R7 Datasheet HTML 18Page - Analog Devices ADP150AUJZ-2.0-R7 Datasheet HTML 19Page - Analog Devices ADP150AUJZ-2.0-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
ADP150
APPLICATIONS INFORMATION
analog.com
Rev. E | 17 of 20
Figure 46. WLCSP, 100 mm2 of PCB Copper, Board Temperature = 85°C
PCB LAYOUT CONSIDERATIONS
Heat dissipation from the package can be improved by increasing
the amount of copper attached to the pins of the ADP150. However,
as listed in Table 7, a point of diminishing returns is reached
eventually, beyond which an increase in the copper size does not
yield significant heat dissipation benefits.
Place the input capacitor as close as possible to the VIN and
GND pins. Place the output capacitor as close as possible to the
VOUT and GND pins. Use of 0402 size or 0603 size capacitors and
resistors achieves the smallest possible footprint solution on boards
where area is limited.
Figure 47. Example TSOT PCB Layout
Figure 48. Example WLCSP PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com