Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP197ACBZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP197ACBZ-R7
Description  5 V, 3 A Logic Controlled High-Side Power Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP197ACBZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP197ACBZ-R7 Datasheet HTML 4Page - Analog Devices ADP197ACBZ-R7 Datasheet HTML 5Page - Analog Devices ADP197ACBZ-R7 Datasheet HTML 6Page - Analog Devices ADP197ACBZ-R7 Datasheet HTML 7Page - Analog Devices ADP197ACBZ-R7 Datasheet HTML 8Page - Analog Devices ADP197ACBZ-R7 Datasheet HTML 9Page - Analog Devices ADP197ACBZ-R7 Datasheet HTML 10Page - Analog Devices ADP197ACBZ-R7 Datasheet HTML 11Page - Analog Devices ADP197ACBZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
ADP197
Data Sheet
Rev. C | Page 8 of 13
3
2
1
CH1 AMPL
1.92A
CH1 1A
CH3 2V
CH2 1V
M1.00ms
A CH3
1.28V
T 10.00%
B
W
B
W
Ω
B
W
ILOAD
VOUT
VEN
Figure 17. Typical Turn-On Time and Inrush Current, VIN = 1.9 V,
2 A Load
3
2
1
CH1 AMPL
266mA
CH1 100mA
CH3 2V
CH2 2V
M1.00ms
A CH3
1.28V
T 10.00%
B
W
B
W
Ω
B
W
ILOAD
VOUT
VEN
Figure 18. Typical Turn-On Time and Inrush Current, VIN = 1.9 V,
200 mA Load, COUT = 100 μF
3
2
1
CH1 AMPL
1.92A
CH1 1A
CH3 2V
CH2 2V
M1.00ms
A CH3
1.28V
T 10.00%
B
W
B
W
Ω
B
W
ILOAD
VOUT
VEN
Figure 19. Typical Turn-On Time and Inrush Current, VIN = 1.9 V,
2 A Load, COUT = 100 μF
3
2
1
CH1 AMPL
222mA
CH1 100mA
CH3 2V
CH2 2V
M1.00ms
A CH3
1.28V
T 10.00%
B
W
B
W
Ω
B
W
ILOAD
VOUT
VEN
Figure 20. Typical Turn-On Time and Inrush Current, VIN = 5.5 V,
200 mA Load
3
2
1
CH1 AMPL
2.14A
CH1 1A
CH3 2V
CH2 2V
M1.00ms
A CH3
1.28V
T 10.00%
B
W
B
W
Ω
B
W
ILOAD
VOUT
VEN
Figure 21. Typical Turn-On Time and Inrush Current, VIN = 5.5 V,
2 A Load
3
2
1
CH1 AMPL
352mA
CH1 200mA
CH3 2V
CH2 2V
M1.00ms
A CH3
1.28V
T 10.00%
B
W
B
W
Ω
B
W
ILOAD
VOUT
VEN
Figure 22. Typical Turn-On Time and Inrush Current, VIN = 5.5 V,
200 mA Load, COUT = 100 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com