Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1761ACPZ-1.2-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP1761ACPZ-1.2-R7
Description  1 A, Low VIN, Low Noise, CMOS Linear Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1761ACPZ-1.2-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP1761ACPZ-1.2-R7 Datasheet HTML 11Page - Analog Devices ADP1761ACPZ-1.2-R7 Datasheet HTML 12Page - Analog Devices ADP1761ACPZ-1.2-R7 Datasheet HTML 13Page - Analog Devices ADP1761ACPZ-1.2-R7 Datasheet HTML 14Page - Analog Devices ADP1761ACPZ-1.2-R7 Datasheet HTML 15Page - Analog Devices ADP1761ACPZ-1.2-R7 Datasheet HTML 16Page - Analog Devices ADP1761ACPZ-1.2-R7 Datasheet HTML 17Page - Analog Devices ADP1761ACPZ-1.2-R7 Datasheet HTML 18Page - Analog Devices ADP1761ACPZ-1.2-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Data Sheet
ADP1761
APPLICATIONS INFORMATION
analog.com
Rev. D | 15 of 21
CAPACITOR SELECTION
Output Capacitor
The ADP1761 is designed for operation with small, space-saving
ceramic capacitors, but it can function with most commonly used
capacitors as long as care is taken with the effective series resist-
ance (ESR) value. The ESR of the output capacitor affects the
stability of the LDO control loop. A minimum of 10 µF capacitance
with an ESR of 500 mΩ or less is recommended to ensure the
stability of the ADP1761. Transient response to changes in load
current is also affected by output capacitance. Using a larger
value of output capacitance improves the transient response of the
ADP1761 to large changes in load current. Figure 31 and Figure 32
show the transient responses for output capacitance values of 10
µF and 47 µF, respectively.
Figure 31. Output Transient Response, COUT = 10 µF
Figure 32. Output Transient Response, COUT = 47 µF
Input Bypass Capacitor
Connecting a 10 µF capacitor from the VIN pin to the GND pin to
ground reduces the circuit sensitivity to the PCB layout, especially
when long input traces or a high source impedance is encountered.
If output capacitance greater than 10 µF is required, it is recom-
mended that the input capacitor be increased to match it.
Input and Output Capacitor Properties
Use any good quality ceramic capacitors with the ADP1761, as
long as they meet the minimum capacitance and maximum ESR
requirements. Ceramic capacitors are manufactured with a variety
of dielectrics, each with different behavior over temperature and ap-
plied voltage. Capacitors must have a dielectric adequate to ensure
the minimum capacitance over the necessary temperature range
and dc bias conditions. X5R or X7R dielectrics with a voltage rating
of 6.3 V or 10 V are recommended. Y5V and Z5U dielectrics are not
recommended, due to poor temperature and dc bias characteristics.
Figure 33 shows the capacitance vs. bias voltage characteristics of
an 0805 case, 10 µF, 10 V, X5R capacitor. The voltage stability of
a capacitor is strongly influenced by the capacitor size and voltage
rating. In general, a capacitor in a larger package or with a higher
voltage rating exhibits better stability. The temperature variation
of the X5R dielectric is about ±15% over the −40°C to +85°C
temperature range and is not a function of package size or voltage
rating.
Figure 33. Capacitance vs. DC Bias Voltage
Use Equation 4 to determine the worst case capacitance, account-
ing for capacitor variation over temperature, component tolerance,
and voltage.
CEFF=COUT× 1−tempco × 1−TOL (4)
where:
CEFF is the effective capacitance at the operating voltage.
COUT is the output capacitor.
Tempco is the worst case capacitor temperature coefficient.
TOL is the worst case component tolerance.
In this example, the worst case temperature coefficient (tempco)
over −40°C to +85°C is assumed to be 15% for an X5R dielectric.
The tolerance of the capacitor (TOL) is assumed to be 10%, and
COUT = 10 µF at 1.0 V, as shown in Figure 33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com