Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP197ACPZN-01-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP197ACPZN-01-R7
Description  5 V, 3 A Logic Controlled High-Side Power Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP197ACPZN-01-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP197ACPZN-01-R7 Datasheet HTML 1Page - Analog Devices ADP197ACPZN-01-R7 Datasheet HTML 2Page - Analog Devices ADP197ACPZN-01-R7 Datasheet HTML 3Page - Analog Devices ADP197ACPZN-01-R7 Datasheet HTML 4Page - Analog Devices ADP197ACPZN-01-R7 Datasheet HTML 5Page - Analog Devices ADP197ACPZN-01-R7 Datasheet HTML 6Page - Analog Devices ADP197ACPZN-01-R7 Datasheet HTML 7Page - Analog Devices ADP197ACPZN-01-R7 Datasheet HTML 8Page - Analog Devices ADP197ACPZN-01-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Data Sheet
ADP197
Rev. C | Page 5 of 13
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VIN
VOUT
12
VIN
A
B
VOUT
EN
C
GND
TOP VIEW
(Not to Scale)
ADP197
Figure 3. 6-Ball WLCSP Pin Configuration
Table 4. 6-Ball WLCSP Pin Function Descriptions
Pin No.
Mnemonic
Description
A1, B1
VIN
Input Voltage.
A2, B2
VOUT
Output Voltage.
C1
EN
Enable Input. Drive EN high to turn on the switch and drive EN low to turn off the switch.
C2
GND
Ground.
3
GND
1
VOUT1
2
VOUT2
4EN
6VIN1
5VIN2
ADP197
TOP VIEW
NOTES
1. EXPOSED PAD MUST BE CONNECTED
TO GROUND.
Figure 4. 6-Lead LFCSP Pin Configuration
Table 5. 6-Lead LFCSP Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VOUT1
Output Voltage. Connect VOUT1 and VOUT2 together.
2
VOUT2
Output Voltage. Connect VOUT1 and VOUT2 together.
3
GND
Ground.
4
EN
Enable Input. Drive EN high to turn on the switch and drive EN low to turn off the switch.
5
VIN2
Input Voltage. Connect VIN1 and VIN2 together.
6
VIN1
Input Voltage. Connect VIN1 and VIN2 together.
EP
Exposed Pad. The exposed pad must be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com