Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP150WACBZ-3.0-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP150WACBZ-3.0-R7
Description  Ultralow Noise, 150 mA, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP150WACBZ-3.0-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP150WACBZ-3.0-R7 Datasheet HTML 7Page - Analog Devices ADP150WACBZ-3.0-R7 Datasheet HTML 8Page - Analog Devices ADP150WACBZ-3.0-R7 Datasheet HTML 9Page - Analog Devices ADP150WACBZ-3.0-R7 Datasheet HTML 10Page - Analog Devices ADP150WACBZ-3.0-R7 Datasheet HTML 11Page - Analog Devices ADP150WACBZ-3.0-R7 Datasheet HTML 12Page - Analog Devices ADP150WACBZ-3.0-R7 Datasheet HTML 13Page - Analog Devices ADP150WACBZ-3.0-R7 Datasheet HTML 14Page - Analog Devices ADP150WACBZ-3.0-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
ADP150
THEORY OF OPERATION
analog.com
Rev. E | 11 of 20
The ADP150 is an ultralow noise, low quiescent current, low
dropout linear regulator that operates from 2.2 V to 5.5 V and
can provide up to 150 mA of output current. Drawing a low 220
µA of quiescent current (typical) at full load makes the ADP150
ideal for battery-operated portable equipment. Shutdown current
consumption is typically 200 nA.
Using a proprietary architecture, the ADP150 provides superior
noise performance for noise sensitive analog and RF applications
without the need for a noise bypass capacitor. The ADP150 is also
optimized for use with small 1 µF ceramic capacitors.
Figure 26. Internal Block Diagram
Internally, the ADP150 consists of a reference, an error amplifier,
a feedback voltage divider, and a PMOS pass transistor. Output
current is delivered via the PMOS pass device that is controlled
by the error amplifier. The error amplifier compares the reference
voltage with the feedback voltage from the output and amplifies
the difference. If the feedback voltage is lower than the reference
voltage, the gate of the PMOS device is pulled lower, allowing
more current to pass and increasing the output voltage. If the
feedback voltage is higher than the reference voltage, the gate of
the PMOS device is pulled higher, allowing less current to pass and
decreasing the output voltage.
The ADP150 is available in 14 output voltage options, ranging from
1.8 V to 3.3 V. The ADP150 uses the EN pin to enable and disable
the VOUT pin under normal operating conditions. When EN is high,
VOUT turns on, and when EN is low, VOUT turns off. For automatic
startup, EN can be tied to VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com