Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC-158 Datasheet(PDF) 1 Page - Labfacility Ltd

Part # FC-158
Description  Stainless Steel Compression Glands
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

FC-158 Datasheet(HTML) 1 Page - Labfacility Ltd

  FC-158 Datasheet HTML 1Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 dŚĞƌŵŽĐŽƵƉůĞŝŶƐƚĂůůĂƟŽŶĮ ƫ ŶŐƐ
 To suit a wide range of mineral insulated and other probe type sensors offered by Farnell
 Male in-line stainless steel compression type with nut & olive
 1/8”, 1/4" & 1/2” BSP parallel or BSPT tapered threads available
 Suits 1.0, 1.5, 3.0 or 6.0mm probe diameters
“BSP parallel & BSPT tapered to suit
thermocouple probe
diameters 1.5, 3.0, 4.5 & 6.0mmØ “
Stainless Steel Compression Glands
Formed in 1971, Labfacility
specialize in the field of
Temperature and Process
Measurement.
We are the largest UK
manufacturer of both
temperature sensors and
thermocouple connectors
Quality and Service are key
ĞůĞŵĞŶƚƐŝŶƚŚĞĐŽŶƟŶƵĞĚŐƌŽǁ ƚŚ
of Labfacility.
Technical support is always freely
available from our
experienced technical sales teams
and the company has ISO9001
ĂĐĐƌĞĚŝƚĂƟŽŶ͘
temperature and process technology
Contact Details
Email
sales@labfacility.com
Website
www.labfacility.com
Stainless Steel Compression Glands
(BSP parallel)
(BSPT tapered)
BSP Parallel:
Type
Thread Size
Thread Type
Suits Probe Ø
Farnell order code
St/Steel 1/8”
BSP Parallel
1.5mm
163-3392
St/Steel 1/8”
BSP Parallel
3.0mm
163-3393
St/Steel 1/8”
BSP Parallel
6.0mm
163-3395
St/Steel 1/4”
BSP Parallel
6.0mm
163-3398
BSPT Tapered:
St/Steel 1/8”
BSPT Tapered
1.0mm
541-060
St/Steel 1/8”
BSPT Tapered
1.5mm
254-630
St/Steel 1/8”
BSPT Tapered
3.0mm
254-642
St/Steel 1/8”
BSPT Tapered
6.0mm
163-3410
St/Steel 1/4”
BSPT Tapered
3.0mm
163-3411
St/Steel 1/4”
BSPT Tapered
6.0mm
254-654
St/Steel 1/2”
BSPT Tapered
6.0mm
163-3414


Similar Part No. - FC-158

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
FC-158-D LABFACILITY-FC-158-D Datasheet
678Kb / 3P
Stainless Steel Compression Fittings
FC-158-D LABFACILITY-FC-158-D Datasheet
720Kb / 3P
Stainless Steel Compression Fittings – Tapered Thread (BSPT)
Mar-24
More results

Similar Description - FC-158

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
Stainless Steel
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
Stainless Steel
QTHA-2FS1 RALSTON-QTHA-2FS1_19 Datasheet
285Kb / 1P
Stainless Steel.
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
Stainless Steel
QTHA-2FSA-QD RALSTON-QTHA-2FSA-QD_19 Datasheet
258Kb / 1P
Stainless Steel
QTHA-EHS0 RALSTON-QTHA-EHS0 Datasheet
429Kb / 1P
Stainless Steel
QTHA-3FS1 RALSTON-QTHA-3FS1_19 Datasheet
475Kb / 1P
Stainless Steel
QTHA-3FS0 RALSTON-QTHA-3FS0_19 Datasheet
475Kb / 1P
Stainless Steel
QTHA-2MS0-RS RALSTON-QTHA-2MS0-RS_19 Datasheet
281Kb / 1P
Stainless Steel
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com