Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4155745 Datasheet(PDF) 1 Page - Labfacility Ltd

Part # 4155745
Description  Type K General Purpose Thermocouple Probe, Glassfibre insulated Cable with Stainless Steel Over-Braid Terminating in Bare tails, Miniature or Standard Plug - IEC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

4155745 Datasheet(HTML) 1 Page - Labfacility Ltd

  4155745 Datasheet HTML 1Page - Labfacility Ltd 4155745 Datasheet HTML 2Page - Labfacility Ltd 4155745 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Labfacility are the UK’s leading manufacturer of Temperature Sensors, Thermocouple
Connectors and associated Temperature Instrumentation and stockists of Thermocouple
Cables. The Company has been trading since 1971 and is ISO 9001 accredited.
Labfacility have supplied Farnell for over 30 years, and an extensive range of our products are
available to buy online, from stock, direct from Farnell.
Type K General Purpose Thermocouple Probe,
Glassfibre insulated Cable with Stainless Steel
Over-Braid Terminating in Bare tails, Miniature
or Standard Plug - IEC


Similar Part No. - 4155745

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
4155740 LABFACILITY-4155740 Datasheet
702Kb / 3P
Fabricated Grounded Thermocouple in Stainless Steel Tube, Glassfibre stainless steel Overbraided cable - JIS
Nov-23
4155741 LABFACILITY-4155741 Datasheet
702Kb / 3P
Fabricated Grounded Thermocouple in Stainless Steel Tube, Glassfibre stainless steel Overbraided cable - JIS
Nov-23
More results

Similar Description - 4155745

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
257-003-6-10SL-5 GLENAIR-257-003-6-10SL-5 Datasheet
359Kb / 2P
Stainless Steel Plug Assembly
logo
Pomona Electronics
6479 POMONA-6479 Datasheet
202Kb / 2P
Stainless Steel Sharp Tip Probe Set
logo
General Cable Technolog...
C50254101 GENERAL-C50254101 Datasheet
72Kb / 3P
C5025, Coaxial Cable, RG11/U Type, 14 AWG Solid Copper Clad Steel, 97% Bare Copper Braid
logo
Glenair, Inc.
257-165 GLENAIR-257-165 Datasheet
99Kb / 2P
Stainless Steel Plug Assembly
logo
List of Unclassifed Man...
BU-26101 ETC2-BU-26101 Datasheet
77Kb / 1P
Insulated Plug-On Test Prod With Stainless Steel Tip
logo
TE Connectivity Ltd
154BC TEC-154BC Datasheet
182Kb / 5P
316L Stainless Steel or Titanium
logo
List of Unclassifed Man...
79696033 ETC2-79696033 Datasheet
260Kb / 4P
Thermocouple probe J with sheath - ST steel 316 L 횠 5 mm : 30 mm long Glass filament cable with stainless steel braid : 2
79696036 ETC2-79696036 Datasheet
260Kb / 4P
Pt100 probe Class B with sheath - St. steel 316 L 횠 6 mm : 30 mm longGlass filament cable with stainless steel braid : 2 m
logo
TT Electronics.
DS3011 TTELEC-DS3011 Datasheet
449Kb / 6P
General Purpose Thermocouple
logo
Heyco.
12864B HEYCO-12864B Datasheet
91Kb / 1P
Stainless Steel Cable Ties
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com