Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4156017 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # 4156017
Description  Type K General Purpose Thermocouple Probe, Glassfibre insulated Cable with Stainless Steel Over-Braid Terminating in Bare tails, Miniature or Standard Plug - ANSI
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

4156017 Datasheet(HTML) 2 Page - Labfacility Ltd

  4156017 Datasheet HTML 1Page - Labfacility Ltd 4156017 Datasheet HTML 2Page - Labfacility Ltd 4156017 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
TC-29
Nov-23
Specifications
General Description
Rugged thermocouple with stainless steel sheath
Thermocouple Type
K
Thermocouple
Junction
Grounded hot junction for fast response
Probe Diameter
4.5mm
Probe Length
150mm
Cable Length
1 or 2m
Cable Type
Glassfibre insulated lead with stainless steel overbraid
Core / Strands
7/0.2mm
Termination Type
Bare tails, Miniature or Standard Plug (with cable
clamps)
Max. Temperature
+350°C
Min. Temperature
-60°C
Standards Met
ANSI MC96.1
Ordering Information
Type
Cable
Length
Diameter x
Length
Termination
Manufacturers Code
Farnell
Order Code
K
1m
4.5 x 150mm
Miniature Plug
FAA-GSK-4.5-150-1.0-C4-MP-A
4156014
K
2m
4.5 x 150mm
Miniature Plug
FAA-GSK-4.5-150-2.0-C4-MP-A
4156015
K
1m
4.5 x 150mm
Standard Plug
FAA-GSK-4.5-150-1.0-C4-SP-A-Z Z=C/C
4156016
K
2m
4.5 x 150mm
Standard Plug
FAA-GSK-4.5-150-2.0-C4-SP-A-Z Z=C/C
4156017
K
1m
4.5 x 150mm
Bare Tails
FAA-GSK-4.5-150-1.0-C4-T-A
4156019
K
2m
4.5 x 150mm
Bare Tails
FAA-GSK-4.5-150-2.0-C4-T-A
4156021



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com