Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4156019 Datasheet(PDF) 1 Page - Labfacility Ltd

Part # 4156019
Description  Type K General Purpose Thermocouple Probe, Glassfibre insulated Cable with Stainless Steel Over-Braid Terminating in Bare tails, Miniature or Standard Plug - ANSI
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

4156019 Datasheet(HTML) 1 Page - Labfacility Ltd

  4156019 Datasheet HTML 1Page - Labfacility Ltd 4156019 Datasheet HTML 2Page - Labfacility Ltd 4156019 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Labfacility are the UK’s leading manufacturer of Temperature Sensors, Thermocouple
Connectors and associated Temperature Instrumentation and stockists of Thermocouple
Cables. The Company has been trading since 1971 and is ISO 9001 accredited.
Labfacility have supplied Farnell for over 30 years, and an extensive range of our products are
available to buy online, from stock, direct from Farnell.
Type K General Purpose Thermocouple Probe,
Glassfibre insulated Cable with Stainless Steel
Over-Braid Terminating in Bare tails, Miniature
or Standard Plug - ANSI


Similar Part No. - 4156019

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
4156010 LABFACILITY-4156010 Datasheet
686Kb / 3P
Crocodile Clip Thermocouple with Glassfibre Stainless Steel Overbraided Cable - ANSI
Nov-23
4156011 LABFACILITY-4156011 Datasheet
686Kb / 3P
Crocodile Clip Thermocouple with Glassfibre Stainless Steel Overbraided Cable - ANSI
Nov-23
4156012 LABFACILITY-4156012 Datasheet
684Kb / 3P
Crocodile Clip Thermocouple with Glassfibre Stainless Steel Overbraided Cable - JIS
Nov-23
4156013 LABFACILITY-4156013 Datasheet
684Kb / 3P
Crocodile Clip Thermocouple with Glassfibre Stainless Steel Overbraided Cable - JIS
Nov-23
More results

Similar Description - 4156019

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6479 POMONA-6479 Datasheet
202Kb / 2P
Stainless Steel Sharp Tip Probe Set
logo
List of Unclassifed Man...
BU-26101 ETC2-BU-26101 Datasheet
77Kb / 1P
Insulated Plug-On Test Prod With Stainless Steel Tip
logo
TE Connectivity Ltd
154BC TEC-154BC Datasheet
182Kb / 5P
316L Stainless Steel or Titanium
logo
List of Unclassifed Man...
79696033 ETC2-79696033 Datasheet
260Kb / 4P
Thermocouple probe J with sheath - ST steel 316 L 횠 5 mm : 30 mm long Glass filament cable with stainless steel braid : 2
79696036 ETC2-79696036 Datasheet
260Kb / 4P
Pt100 probe Class B with sheath - St. steel 316 L 횠 6 mm : 30 mm longGlass filament cable with stainless steel braid : 2 m
logo
BELIMO AIRCONTROLS (USA...
EV250SU-127 BELIMO-EV250SU-127 Datasheet
1Mb / 4P
Stainless Steel Ball, ANSI 125 Flange
EV300SU-180 BELIMO-EV300SU-180 Datasheet
1Mb / 4P
Stainless Steel Ball, ANSI 125 Flange
EV400SU-317 BELIMO-EV400SU-317 Datasheet
1Mb / 4P
Stainless Steel Ball, ANSI 125 Flange
EV500SU-495 BELIMO-EV500SU-495 Datasheet
1Mb / 4P
Stainless Steel Ball, ANSI 125 Flange
EV600SU-713 BELIMO-EV600SU-713 Datasheet
1Mb / 4P
Stainless Steel Ball, ANSI 125 Flange
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com