Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC-001 Datasheet(PDF) 1 Page - Labfacility Ltd

Part # FC-001
Description  Brass Compression Glands BSPT tapered to suit thermocouple probe diameters 1.5, 3.0mmØ
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

FC-001 Datasheet(HTML) 1 Page - Labfacility Ltd

  FC-001 Datasheet HTML 1Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Formed in 1971, Labfacility
specialize in the field of
Temperature and Process
Measurement.
We are the largest UK
manufacturer of both
temperature sensors and
thermocouple connectors
Quality and Service are key
ĞůĞŵĞŶƚƐŝŶƚŚĞĐŽŶƟŶƵĞĚŐƌŽǁ ƚŚ
of Labfacility.
Technical support is always freely
available from our
experienced technical sales teams
and the company has ISO9001
ĂĐĐƌĞĚŝƚĂƟŽŶ͘
temperature and process technology
Contact Details
Email
sales@labfacility.com
Website
www.labfacility.com
095/0314 BSPT tapered to suit thermocouple probe diameters 1.5, 3.0mmØ
 dŚĞƌŵŽĐŽƵƉůĞŝŶƐƚĂůůĂƟŽŶĮ ƫ ŶŐƐ
 To suit a wide range of mineral insulated and other probe type sensors offered by Farnell
 Male in-line brass compression type with nut & olive
 1/8”BSPT tapered thread to suit 1.5mm or 3.0mm.
BSPT Tapered:
Material
Thread
To suit
Manufacturers
Farnell
Probe
Part No.
Order No.
Brass
1/8”
1.5mm
FC-001
708-8206
Brass
1/8”
3.0mm
FC-002
708-8218
Brass Compression Glands
BSPT tapered to suit thermocouple
probe diameters 1.5, 3.0mmØ


Similar Part No. - FC-001

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
FC-004-D LABFACILITY-FC-004-D Datasheet
276Kb / 1P
Brass Compression Glands – Parallel, Tapered & NPT Thread
FC-007-D LABFACILITY-FC-007-D Datasheet
276Kb / 1P
Brass Compression Glands – Parallel, Tapered & NPT Thread
FC-008-D LABFACILITY-FC-008-D Datasheet
276Kb / 1P
Brass Compression Glands – Parallel, Tapered & NPT Thread
More results

Similar Description - FC-001

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0260700000 WEIDMULLER-0260700000 Datasheet
742Kb / 22P
Cable glands
logo
List of Unclassifed Man...
TAP1500 ETC2-TAP1500 Datasheet
226Kb / 6P
1.5 GHz Active Probe
logo
Richco, Inc.
CG-NPT RICHCO-CG-NPT Datasheet
78Kb / 1P
CABLE GLANDS - NPT TYPE
logo
TT Electronics.
DS3106 TTELEC-DS3106 Datasheet
277Kb / 1P
Thermocouple Compression Gland
DS3119 TTELEC-DS3119 Datasheet
274Kb / 1P
Thermocouple Termination Glands & Locknuts
logo
SAB North America
CG300 SAB-CG300 Datasheet
169Kb / 1P
Metal Cable Glands
CG300NPT SAB-CG300NPT Datasheet
166Kb / 1P
Metal Cable Glands
CG300PG SAB-CG300PG Datasheet
168Kb / 1P
Metal Cable Glands
CGEMC-4 SAB-CGEMC-4 Datasheet
223Kb / 1P
EMC Grounding Cable Glands
logo
Microchip Technology
MCP960X MICROCHIP-MCP960X Datasheet
2Mb / 57P
Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
Revision G April 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com