Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2918775 Datasheet(PDF) 1 Page - Labfacility Ltd

Part # 2918775
Description  Stainless Steel Compression Fittings – Tapered Thread (BSPT)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

2918775 Datasheet(HTML) 1 Page - Labfacility Ltd

  2918775 Datasheet HTML 1Page - Labfacility Ltd 2918775 Datasheet HTML 2Page - Labfacility Ltd 2918775 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Stainless Steel Compression Fittings –
Tapered Thread (BSPT)
Labfacility are the UK’s leading manufacturer of Temperature Sensors, Thermocouple
Connectors and associated Temperature Instrumentation and stockists of Thermocouple
Cables. The Company has been trading since 1971 and is ISO 9001 accredited.
Labfacility have supplied Farnell for over 30 years, and an extensive range of our products are
available to buy online, from stock, direct from Farnell.


Similar Part No. - 2918775

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
2918770 LABFACILITY-2918770 Datasheet
704Kb / 3P
4 or 6 Core PFA Insulated, Tin Plated Copper Screen, PRT Sensor Cable / Wire
Nov-23
2918771 LABFACILITY-2918771 Datasheet
704Kb / 3P
4 or 6 Core PFA Insulated, Tin Plated Copper Screen, PRT Sensor Cable / Wire
Nov-23
2918772 LABFACILITY-2918772 Datasheet
704Kb / 3P
4 or 6 Core PFA Insulated, Tin Plated Copper Screen, PRT Sensor Cable / Wire
Nov-23
2918773 LABFACILITY-2918773 Datasheet
736Kb / 3P
Stainless Steel Compression Fittings – Metric (M Series) Thread
Mar-24
2918779 LABFACILITY-2918779 Datasheet
736Kb / 3P
Stainless Steel Compression Fittings – Metric (M Series) Thread
Mar-24
More results

Similar Description - 2918775

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
710-114M32 GLENAIR-710-114M32 Datasheet
72Kb / 1P
Metal Straight Tapered Pipe Thread Adapters
M24758-17C04 GLENAIR-M24758-17C04 Datasheet
50Kb / 2P
Adapter for Tapered Pipe Thread
M24758-26B03 GLENAIR-M24758-26B03 Datasheet
189Kb / 2P
Adapter for Tapered Pipe Thread
M24758-17-02-A GLENAIR-M24758-17-02-A Datasheet
136Kb / 2P
Adapter for Tapered Pipe Thread
M24758-17-16-A GLENAIR-M24758-17-16-A Datasheet
77Kb / 1P
Adapter for Tapered Pipe Thread
logo
Ralston Instruments.
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
Stainless Steel
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
Stainless Steel
logo
SparkFun Electronics
DEV-10867 SPARKFUN-DEV-10867 Datasheet
103Kb / 1P
Conductive Thread Bobbin - 30ft (Stainless Steel)
8/4/2016
DEV-11791 SPARKFUN-DEV-11791 Datasheet
88Kb / 1P
Conductive Thread - 60g (Stainless Steel)
9??2??7
DEV-13814 SPARKFUN-DEV-13814 Datasheet
107Kb / 1P
Smooth Thread Bobbin - 12m (Stainless Steel)
4/12/2016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com