Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2918774 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # 2918774
Description  Stainless Steel Compression Fittings – Tapered Thread (BSPT)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

2918774 Datasheet(HTML) 2 Page - Labfacility Ltd

  2918774 Datasheet HTML 1Page - Labfacility Ltd 2918774 Datasheet HTML 2Page - Labfacility Ltd 2918774 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
FITTINGS - 6
Mar-24
Specifications
General Description
Male stainless steel compression type with nut & olive
Material
Stainless steel
Thread
1/8"BSPT, 1/4"BSPT, 1/2"BSPT - Tapered Thread
Probe Diameter
Suitable for both metric and imperial probe
Multi Pack - Ordering Information
Size
Style
Manufacturers
Number
Pack Size
Farnell order
Number
1/8" BSPT X 3mm
BSPT
FC-133-D
5
XF-2905-FAR
Singles - Ordering Information
Size
Style
Manufacturers Number
Farnell order Number
1/2" BSPT X 3.0mm
BSPT
FC-209-D
2770784
1/2" BSPT X 4.5mm
BSPT
FC-208-D
1633413
1/2" BSPT X 6mm
BSPT
FC-200-D
1633414
1/2" BSPT X 8.0mm
BSPT
FC-210-D
2918775
1/4" BSPT X 1.5mm
BSPT
FC-164-D
3584218
1/4" BSPT x 1/4"
BSPT
FC-165-D
2918827
1/4" BSPT x 1/8"
BSPT
FC-160-D
2918782
1/4" BSPT X 3/16"
BSPT
FC-163-D
2918774
1/4" BSPT X 3mm
BSPT
FC-158-D
1633411
1/4" BSPT X 4.0mm
BSPT
FC-177-D
3584221
1/4" BSPT X 4.5mm
BSPT
FC-162-D
1633412
1/4" BSPT X 6mm
BSPT
FC-167-D
2918831
1/8" BSPT X 1.5mm
BSPT
FC-131-D
254630
1/8" BSPT X 1/4
BSPT
FC-142-D
4073396
1/8" BSPT X 1/8"
BSPT
FC-134-D
2918829
1/8" BSPT X 1mm
BSPT
FC-130-D
2918783
1/8" BSPT X 2mm
BSPT
FC-124-D
4073395
1/8" BSPT X 3/16"
BSPT
FC-135-D
2918822
1/8" BSPT X 3mm
BSPT
FC-133-D
254642
1/8" BSPT X 4.0mm
BSPT
FC-122-D
3584214
1/8" BSPT X 4.5mm
BSPT
FC-141-D
1633409
1/8" BSPT X 6mm
BSPT
FC-136-D
2918828



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com