Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAB.697 Datasheet(PDF) 5 Page - Taoglas antenna solutions

Part # CAB.697
Description  IPEX MHFI(U.FL comp) to SMA(F)BKST. 100mm 1.13 cable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

CAB.697 Datasheet(HTML) 5 Page - Taoglas antenna solutions

  CAB.697 Datasheet HTML 1Page - Taoglas antenna solutions CAB.697 Datasheet HTML 2Page - Taoglas antenna solutions CAB.697 Datasheet HTML 3Page - Taoglas antenna solutions CAB.697 Datasheet HTML 4Page - Taoglas antenna solutions CAB.697 Datasheet HTML 5Page - Taoglas antenna solutions CAB.697 Datasheet HTML 6Page - Taoglas antenna solutions CAB.697 Datasheet HTML 7Page - Taoglas antenna solutions CAB.697 Datasheet HTML 8Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
SPE-24-8-146-A
www.taoglas.com
2.3
Cable Specifications
Mechanical
Minimum Bend Radius
6.8mm
Cable Weight
0.003kg/m
Environmental
Storage Temperature Range
-40°C to 85°C
Operating Temperature Range
-60°C to 200°C
Electrical
Impedance
50Ω
Capacitance
96 ± 3 pF/m



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com