Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1506SC Datasheet(PDF) 2 Page - Marathon Special Products

Part # 1506SC
Description  TERMINAL BLOCK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

1506SC Datasheet(HTML) 2 Page - Marathon Special Products

  1506SC Datasheet HTML 1Page - Marathon Special Products 1506SC Datasheet HTML 2Page - Marathon Special Products 1506SC Datasheet HTML 3Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.marathonsp.com
2
PDS 0202 REV-D 03/03/2020
Product Data Sheet
Termination Specifications
Wire Range/ Terminal Type
Torque
Max Lug Width
#10 - 22 AWG
20 in-lbs
N/A
Listed Lug, Ring, Fork Ter-
minals
20 in-lbs
.50”
Installation & Accessories
• Mounting
- For use with #10 fastener
- Recommended mounting torque not to exceed 25-30 in lbs
• Cover
- Clear cover: Thermoplastic, UL Recognized QMFZ2 - order CC 15XX TP (XX representing number of poles).
• Printed Marker Strips - Consult factory for custom printed applications
• Additional Shorting Pins: 9616901
STYLE 01
A
B
C
D
Example



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com