Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1606SC Datasheet(PDF) 2 Page - Marathon Special Products

Part # 1606SC
Description  1600 Series with Short Circuiting Bar
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

1606SC Datasheet(HTML) 2 Page - Marathon Special Products

  1606SC Datasheet HTML 1Page - Marathon Special Products 1606SC Datasheet HTML 2Page - Marathon Special Products 1606SC Datasheet HTML 3Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Mechanical Ratings:
• Maximum insulator base temperature: 150°C (302°F) UL RTI
• Storage and transportation temperature range: -35°C to 125°C (-31°F to 257°F)
• Flammability rating of insulator base: UL 94 V-0
Materials:
• Connector: Brass, nickel plated
• Insulator base: phenolic
• Screws: Brass, nickel plated, #10-32 combination Phillips-slotted standard
• Marking Strip: Vinyl (white)
• Marking strip anchor screws: Steel, zinc plated
• Short Circuit Bar: Brass, tin plated
• Insert: Brass
• Shorting Pin: Brass, nickel plated (supplied loose)
Agency Approvals:
• UL Recognized, UL 1059 Terminal Block Standard, File No. XCFR2.E62806
• CSA Certified, CSA C22.2 No. 158, File No. LR19766
• CE compliant to IEC 60947-7-1
• RoHS Compliant
• Panel mountable: #10 fastener, torque to 25-30 in. lbs.
Accessories:
• Additional Shorting Pins: 9616901
• Slotted Screw available
• Printing Available on Marking Strip:
Note If marking strip is ordered separately order MS 16XX Side
Consult factory for custom printed applications



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com