Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC-131-D Datasheet(PDF) 1 Page - Labfacility Ltd

Part # FC-131-D
Description  Stainless Steel Compression Fittings
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

FC-131-D Datasheet(HTML) 1 Page - Labfacility Ltd

  FC-131-D Datasheet HTML 1Page - Labfacility Ltd FC-131-D Datasheet HTML 2Page - Labfacility Ltd FC-131-D Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
215.2
Datasheet
Stainless Steel Compression Fittings
•
Thermocouple installation fittings
•
To suit a wide range of mineral insulated and other probe type sensors offered by Farnell
•
Male in-line stainless steel compression type with nut & olive
BSP Parallel:
Type
Thread Size
Thread Type Suits Probe Ø
Manufacturers
Order code
Code
St/Steel
1/8”
BSP Parallel
1.0mm
FC-129-D
2770783
St/Steel
1/8”
BSP Parallel
1.5mm
FC-132-D
1633392
St/Steel
1/8”
BSP Parallel
2.0mm
FC-123-D
XF-1867-FAR
St/Steel
1/8”
BSP Parallel
3.0mm
FC-140-D
1633393
St/Steel
1/8”
BSP Parallel
4.0mm
FC-203-D
XF-1381-FAR
St/Steel
1/8”
BSP Parallel
1/4”
FC-144-D
XF-1868-FAR
St/Steel
1/8”
BSP Parallel
1/8”
FC-139-D
XF-1386-FAR
St/Steel
1/8”
BSP Parallel
3/16”
FC-137-D
XF-1380-FAR
St/Steel
1/4”
BSP Parallel
1.5mm
FC-173-D
XF-1485-FAR
St/Steel
1/4”
BSP Parallel
3.0mm
FC-159-D
2770781
St/Steel
1/4”
BSP Parallel
4.0mm
FC-176-D
XF-1486-FAR
St/Steel
1/4”
BSP Parallel
6.0mm
FC-168-D
1633398
St/Steel
1/4”
BSP Parallel
1/4”
FC-170-D
2770785
St/Steel
1/4”
BSP Parallel
1/8”
FC-161-D
XF-1483-FAR
St/Steel
1/4”
BSP Parallel
3/16”
FC-169-D
XF-1375-FAR
St/Steel
1/2”
BSP Parallel
3.0mm
FC-199-D
2770786


Similar Part No. - FC-131-D

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
FC-131-D LABFACILITY-FC-131-D Datasheet
720Kb / 3P
Stainless Steel Compression Fittings – Tapered Thread (BSPT)
Mar-24
More results

Similar Description - FC-131-D

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTFT-2MS1 RALSTON-QTFT-2MS1_19 Datasheet
496Kb / 1P
Stainless Steel
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
Stainless Steel
QTHA-3MS0 RALSTON-QTHA-3MS0_19 Datasheet
464Kb / 1P
Stainless Steel
QTHA-2FS1 RALSTON-QTHA-2FS1_19 Datasheet
285Kb / 1P
Stainless Steel.
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
Stainless Steel
QTHA-2FSA-QD RALSTON-QTHA-2FSA-QD_19 Datasheet
258Kb / 1P
Stainless Steel
QTHA-EHS0 RALSTON-QTHA-EHS0 Datasheet
429Kb / 1P
Stainless Steel
QTHA-3FS1 RALSTON-QTHA-3FS1_19 Datasheet
475Kb / 1P
Stainless Steel
QTHA-3FS0 RALSTON-QTHA-3FS0_19 Datasheet
475Kb / 1P
Stainless Steel
QTHA-2MS0-RS RALSTON-QTHA-2MS0-RS_19 Datasheet
281Kb / 1P
Stainless Steel
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com