Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

985-GP-10 Datasheet(PDF) 2 Page - Marathon Special Products

Part # 985-GP-10
Description  985 Series Deadfront Type 85 Amps, 600 Volts AC/DC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

985-GP-10 Datasheet(HTML) 2 Page - Marathon Special Products

  985-GP-10 Datasheet HTML 1Page - Marathon Special Products 985-GP-10 Datasheet HTML 2Page - Marathon Special Products 985-GP-10 Datasheet HTML 3Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wire Approvals:
Copper Wire Stranding Classes - Number of Conductors
Wire Size
Torque
Solid
Class B
Class C
416 in. lbs
1
1
616 in. lbs
1
1
8
16 in. lbs
1 or 2*
1 or 2*
10
16 in. lbs
1 to 4*
1 to 4*
1 to 4*
12
16 in. lbs
1 to 4*
1 to 4*
1 to 4*
14
16 in. lbs
1 to 6*
1 to 6*
1 to 6*
16
16 in. lbs
1 to 6*
1 to 6*
1 to 6*
18
16 in. lbs
1 to 8*
1 to 8*
1 to 8*
*If using two or more conductors, they must be the same size
• Wire strip length – 9/16”
Mounting:
• Panel mountable:
• #8 fastener
• Torque to 15 - 20 in. lbs.
Accessories:
• Printing Available on Marking Strip
Consult customer service for custom printed applications



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com