Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSM25E Datasheet(PDF) 1 Page - Marathon Special Products

Part # FSM25E
Description  Semi Conductor Fuse Holder 400 Amps, 1,000 Volts AC/DC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

FSM25E Datasheet(HTML) 1 Page - Marathon Special Products

  FSM25E Datasheet HTML 1Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
WWW.MARATHONSP.COM
PDS 0387 REV C 02/10/12
1-419-352-8441
FSM25E
Semi Conductor Fuse Holder
400 Amps, 1,000 Volts AC/DC
Agency Approval / Electrical Ratings:
• UL Recognized, File No. IZLT2.E35113
• Investigated to UL4248-1 Standard for FH, and
CSA 22.2 No. 4248.1 Fuseholder Assemblies
• 400A, 1000 Volts AC/DC Maximum
• Withstand Rating
o
Approved for 200,000 Amp
o
Tested at 111 kA²s (I²t) and 20.9 kA (Ip)
Mechanical Ratings:
• Maximum insulator base temperature: 125°C
(257°F) UL RTI (impact)
• Flammability rating of insulator: UL 94 V-0
• Use outside these ratings needs to be judged in
the end-use application.
Materials:
• Stud: Steel, Zinc plated
• Insulator base: Thermoplastic
• Nuts: Steel, zinc plated (provided unassembled)
• Belleville washers: Steel, zinc plated (provided
unassembled)
Notes:
• RoHS Compliant
• Recommended torque not to exceed 75 in. lbs.
• Mount with #10 fastener, torque to 25-30 in. lbs


Similar Part No. - FSM25E

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FSM25C2 ISC-FSM25C2 Datasheet
249Kb / 2P
isc Triacs
logo
Chenmko Enterprise Co. ...
FSM25PT CHENMKO-FSM25PT Datasheet
85Kb / 2P
FAST RECOVERY SILICON RECTIFIER
More results

Similar Description - FSM25E

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
811-1316 WAGO-811-1316 Datasheet
291Kb / 6P
2-conductor fuse holder ; with pivoting fuse holder; with test option
29.12.2021
logo
Marathon Special Produc...
132X474 MARATHON-132X474 Datasheet
82Kb / 3P
175 Amps 600 Volts AC/DC
REV-B 11/13/13
6R100AXB MARATHON-6R100AXB Datasheet
120Kb / 2P
Reinforced Class R Fuse Holder 100 Amps, 600 Volts AC/DC
REV B 9/01/11
R100AXB MARATHON-R100AXB Datasheet
115Kb / 2P
Reinforced Class R Fuse Holder 100 Amps, 250 Volts AC/DC
REV B 9/07/11
R6CC60AXB MARATHON-R6CC60AXB Datasheet
144Kb / 3P
Reinforced Class CC Fuse Holder 60 Amps, 600 Volts AC/DC
REV B 8/24/11
R6F100AXB MARATHON-R6F100AXB Datasheet
143Kb / 2P
Reinforced Class H and K Fuse Holder 100 Amps, 600 Volts AC/DC
REV C 9/07/11
R6F30AXB MARATHON-R6F30AXB Datasheet
76Kb / 2P
Reinforced Class H Fuse Holder 30 Amps, 600 Volts AC/DC
REV B 8/29/11
R6F30AXS MARATHON-R6F30AXS Datasheet
89Kb / 2P
Reinforced Class H Fuse Holder 30 Amps, 600 Volts AC/DC
REV B 8/29/11
R6F30AXSP MARATHON-R6F30AXSP Datasheet
99Kb / 2P
Reinforced Class H Fuse Holder 30 Amps, 600 Volts AC/DC
REV B 8/29/11
R6F400AXB MARATHON-R6F400AXB Datasheet
116Kb / 2P
Reinforced Class H and K Fuse Holder 400 Amps, 600 Volts AC/DC
REV B 8/30/11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com