Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJ660 Datasheet(PDF) 1 Page - Marathon Special Products

Part # CJ660
Description  COVERS & PULLERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARATHON [Marathon Special Products]
Direct Link  https://www.marathonsp.com/index.php
Logo MARATHON - Marathon Special Products

CJ660 Datasheet(HTML) 1 Page - Marathon Special Products

  CJ660 Datasheet HTML 1Page - Marathon Special Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.marathonsp.com
55
419-352-8441
COVERS:
UL listed accessories under file no. JDVS2.E181825
Opening allows view of self-indicating fuses
Holes for test probes and re-tightening of wire terminations
Provides IP20 (touchsafe) protection per IEC 60529 (30A & 60A models)
RoHS compliant
COVER-PULLER (CATALOG # CVR-MCC):
For use with
• Class CC (30 amp)
• Midget , 10 x 38 (30 amp)
• Class G (15 & 20 amp only)
Provides IP20 (touchsafe) protection per IEC 60529 (30A & 60A models)
RoHS compliant
*Applications involving fuse holders other than Marathon may not provide IP20 finger protection
**Covers are recognized if used with recognized fuses
Fuse Holder shown with covers attached
FUSE
TYPE
AMPS
VOLTAGE
CATALOG #
FOR USE WITH FUSE HOLDER #
IP2O (FINGER
SAFE)*
H/R
30
250
CHR230
F30A / R30A
Yes
H/R
60
250
CHR260
F60A / R60A
Yes
H/R
100
250
CHR2100
RF100A / R100A
Yes
H/R
30
600
CHR630
6F30A / 6R30A
Yes
H/R
60
600
CHR660
6F60A / 6R60A
Yes
H/R
100
600
CHR6100
R6F100A / 6R100A
Yes
J
30
600
CJ630
6J30A
Yes
J
60
600
CJ660
6J60A
Yes
J
100
600
CJ6100-1C
R6J100A
No
J
100
600
CJ6100-2C
R6J100A
No
J
100
600
CJ6100-3C
R6J100A
No
CC, G
30
600
CC630
6CC30A
Yes
CD
60
600
CC660
R6CC60A
Yes
MISC
30
600
CCM630**
6M30A / 6CCM30A
Yes
COVERS & PULLERS


Similar Part No. - CJ660

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CJ66IWY PANDUIT-CJ66IWY Datasheet
94Kb / 2P
Mini-Com짰 Mini-Jack??Category 3 UTP Jack Modules
CJ66UIWY PANDUIT-CJ66UIWY Datasheet
94Kb / 2P
Mini-Com짰 Mini-Jack??Category 3 UTP Jack Modules
More results

Similar Description - CJ660

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
660-004M20S6 GLENAIR-660-004M20S6 Datasheet
57Kb / 2P
Protective Covers
660-006G16S5 GLENAIR-660-006G16S5 Datasheet
56Kb / 2P
Protective Covers
660-008M20S6 GLENAIR-660-008M20S6 Datasheet
61Kb / 2P
Protective Covers
660-014G16S5 GLENAIR-660-014G16S5 Datasheet
61Kb / 2P
Protective Covers
660-019M16S GLENAIR-660-019M16S Datasheet
62Kb / 2P
Protective Covers
660-051XO20R6 GLENAIR-660-051XO20R6 Datasheet
258Kb / 1P
Protective Covers
M28840-13HAW GLENAIR-M28840-13HAW Datasheet
79Kb / 1P
Protective Covers
MS17349C-12A GLENAIR-MS17349C-12A Datasheet
76Kb / 1P
Protective Covers
logo
Littelfuse
00970019X LITTELFUSE-00970019X Datasheet
83Kb / 1P
Pullers
logo
Aries Electronics, Inc.
04-650-10 ARIES-04-650-10 Datasheet
133Kb / 1P
Header Covers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com