Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCSC452B3 Datasheet(PDF) 2 Page - TDK Electronics

Part # BCSC452B3
Description  Film solar cell Amorphous silicon type Low illumination solar cell
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

BCSC452B3 Datasheet(HTML) 2 Page - TDK Electronics

  BCSC452B3 Datasheet HTML 1Page - TDK Electronics BCSC452B3 Datasheet HTML 2Page - TDK Electronics BCSC452B3 Datasheet HTML 3Page - TDK Electronics BCSC452B3 Datasheet HTML 4Page - TDK Electronics BCSC452B3 Datasheet HTML 5Page - TDK Electronics BCSC452B3 Datasheet HTML 6Page - TDK Electronics BCSC452B3 Datasheet HTML 7Page - TDK Electronics BCSC452B3 Datasheet HTML 8Page - TDK Electronics BCSC452B3 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
SOLAR CELL
(2/17)
20240527 / film-solarcell_bcs_en.fm
BCS series
PRODUCT LINEUP
• Standard output with initial value at 25°C. It is not guaranteed.
• The product thickness shows the typical value.
• The operating temperature range is -20 to +60°C. The characteristics vary depending on the operating temperature.
• Continuous light irradiation causes a decrease in output over time, called light deterioration, which is called light deterioration.
• Spring probes, heat seals and conductive adhesives are recommended for circuit connections.
• Please contact our sales department, our distributors, or our website if you would like to consider using the product for mass production or request a custom design.
Measurement equipment
* Equivalent measurement equipment may be used.
TEMPERATURE RANGE
OPEN CIRCUIT VOLTAGE
*Open circuit voltage (Voc): Voltage when terminals are open
*Operating voltage (Vop): Voltage when the device is connected
*Operating current (Iop): Current when device is connected
Series name
Product
size
Thickness
(Electrode part)
Thickness
(Other)
Individual
weight
Number of
series cells
Output at illuminance 200Lx
(Standard value)
Operating
current
Operating
voltage
Open circuit
voltage
BCS4430B6
44×30mm
0.18mm
0.15mm
0.20g
6 cells
30µA
2.6V
4.2V
BCS2717B6
27×17mm
↑↑
0.07g
6 cells
10µA
2.6V
4.2V
BCSC241D4
ø17mm
↑↑
0.03g
4 cells
7.0µA
1.5V
2.8V
BCSC491B6
44×30mm
↑↑
0.20g
6 cells
30µA
2.6V
4.2V
BCSC421B1
44×30mm
↑↑
0.20g
1 cell
180µA
0.433V
0.7V
BCS4430B5
44×30mm
↑↑
0.20g
5 cells
34.8µA
2.2V
3.4V
BCSC452B3
25×19mm
↑↑
0.07g
3 cells
19µA
1.5V
2.1V
BCS1714B6
17×14mm
↑↑
0.04g
6 cells
5.0µA
2.6V
4.2V
BCS4630B9
46×30mm
↑
↑
0.20g
9 cells
19µA
3.8V
6.3V
BCSC451B2
25×19mm
↑
↑
0.07g
2 cells
30µA
1.0V
1.4V
BCS2717B4
27×17mm
↑
↑
0.07g
4 cells
16µA
2.0V
2.8V
BCS1714B4
17×14mm
↑
↑
0.04g
4 cells
7.8µA
2.0V
2.8V
BCS6040B7
60×40mm
↑
↑
0.35g
7 cells
44µA
3.0V
4.9V
Background yellow: The product which is in preparation for mass production.
Measurement item
Product No.
Manufacturer
light source
White fluorescent lightFL-10W
TOSHIBA
Voltage
・current
Source Meter 2400
KEITHLEY
Operating
temperature range
Storage
temperature range
–20 to +60 °C
–20 to +70 °C
Voltage
Operating
current
Operating
Voltage
Open circuit voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com