Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROLLOVERMM6 Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # ROLLOVERMM6
Description  6 ft Cisco Console Rollover Cable - RJ45 M/M
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

ROLLOVERMM6 Datasheet(HTML) 1 Page - StarTech.com Ltd.

  ROLLOVERMM6 Datasheet HTML 1Page - StarTech.com Ltd. ROLLOVERMM6 Datasheet HTML 2Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6 ft Cisco Console Rollover Cable - RJ45 M/M
StarTech ID: ROLLOVERMM6
This 6ft Cisco Console Cable/Rollover cable is a cost-effective replacement cable which enables you to connect
your computer to your Cisco® router, server, or network equipment. This durable Cisco Console Cable is a
direct replacement cable that conforms to the Yost Serial Device Wiring Standard.
Expertly designed and constructed of only the highest quality materials, our Cisco Console Rollover cable
delivers maximum dependability and is backed by our Lifetime Warranty.
Applications
Connecting a computer terminal to a router console port
Features
Portable design
Easy to use and install
www.startech.com/uk
0800 169 0408


Similar Part No. - ROLLOVERMM6

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
ROL RECOM-ROL Datasheet
87Kb / 2P
Industry Standard Pinout
ROL-0505S RECOM-ROL-0505S Datasheet
87Kb / 2P
0.5 Watt SIP4 Single Output
ROL-0512S RECOM-ROL-0512S Datasheet
87Kb / 2P
0.5 Watt SIP4 Single Output
ROL-0515S RECOM-ROL-0515S Datasheet
87Kb / 2P
0.5 Watt SIP4 Single Output
ROL-1205S RECOM-ROL-1205S Datasheet
87Kb / 2P
0.5 Watt SIP4 Single Output
More results

Similar Description - ROLLOVERMM6

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N002-006-BL TRIPPLITE-N002-006-BL Datasheet
490Kb / 3P
Cat5e 350MHz Molded Patch Cable (RJ45 M/M) - Blue, 6-ft.
N205-006-BL-FCR TRIPPLITE-N205-006-BL-FCR Datasheet
499Kb / 2P
Cisco Console Rollover Cable (RJ45 M/M), 6 ft.
N205-010-BL-FCR TRIPPLITE-N205-010-BL-FCR Datasheet
499Kb / 2P
Cisco Console Rollover Cable (RJ45 M/M), 10 ft.
N200-006-BL TRIPPLITE-N200-006-BL Datasheet
510Kb / 2P
Cat6 Gigabit Molded Patch Cable (RJ45 M/M), Blue, 6 ft.
P430-006 TRIPPLITE-P430-006 Datasheet
177Kb / 2P
6 ft RJ45 to DB9F Cisco Serial Console Port Rollover Cable
N034-001 TRIPPLITE-N034-001 Datasheet
164Kb / 2P
Cisco Serial Console Rollover RJ45 M/F Adapter
N034-05N-BL TRIPPLITE-N034-05N-BL Datasheet
168Kb / 2P
Cisco Console Rollover Cable Adapter (M/F) - RJ45 to RJ45, Blue, 5 in.
U209-006-RJ45-X TRIPPLITE-U209-006-RJ45-X Datasheet
172Kb / 2P
USB to RJ45 Cisco Serial Rollover Cable, USB Type-A to RJ45 M/M, 6 ft.
U209-006-RJ45XC TRIPPLITE-U209-006-RJ45XC Datasheet
172Kb / 3P
USB-C to RJ45 Serial Rollover Cable (M/M) - Cisco Compatible, 250 Kbps, 6 ft. (1.8 m)
N034-001-SH TRIPPLITE-N034-001-SH Datasheet
171Kb / 2P
Cisco Serial Console Rollover Adapter (M/F) - RJ45 to RJ45, Shielded, Blue
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com