Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RUSB2AC1MW Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # RUSB2AC1MW
Description  1m USB A to USB C Charging Cable - Durable Fast Charge & Sync USB 2.0 to USB Type C Data Cord - Rugged TPE Jacket Aramid Fiber M/M 3A White - Samsung S10, iPad Pro, Pixel
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

RUSB2AC1MW Datasheet(HTML) 2 Page - StarTech.com Ltd.

  RUSB2AC1MW Datasheet HTML 1Page - StarTech.com Ltd. RUSB2AC1MW Datasheet HTML 2Page - StarTech.com Ltd. RUSB2AC1MW Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Certifications, Reports and Compatibility
Applications
• Charge and sync your USB Type C mobile devices
Features
• DURABLE: USB A to USB C charging cable reinforced w/ aramid fiber for increased tensile strength 5x stronger
than steel. Tested to withstand 10000+ bend cycles at 180 angle & 5000+ insertions
• SPECS: Length: 1m (3ft) Color: White Connectors: USB-C to USB-A Performance: USB 2.0 Material: Aramid
Fiber Power: 3A Jacket Type: TPE Shielding: EMI Protection
• USB-C COMPATIBILITY: Rugged data transfer cable allows you to charge and sync your USB Type C devices
including your iPad Pro, Samsung Galaxy S8, S9, S10, S20, S20+, One Plus & Google Pixel 3a, 3, 4 series
• FAST CHARGE AND SYNC : Supporting up to 3A for fast charging from a USB-A port or Quick Charge power
adapter, this high quality cord is designed to charge and sync your USB C devices
• FLEXIBLE CABLE: Built with a TPE jacket to absorb the stress of frequent bends without damaging the core of the
cable. TPE is non-toxic, halogen free & RoHS certified for environmental sustainability
Hardware
Warranty
Lifetime
Connector Plating
Nickel
Cable Jacket Material
TPE - Thermoplastic Elastomers
Cable Shield Material
Aluminum-Mylar Foil with Braid
Performance
Type and Rate
USB 2.0 - 480 Mbit/s
Connector(s)
Connector A
1 - USB 2.0 Type-A (4 pin, 480Mbps)
Connector B
1 - USB Type-C (24-pin) USB 2.0 (480Mbps)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com