Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4098B Datasheet(PDF) 2 Page - STMicroelectronics

Part # HCF4098B
Description  DUAL MONOSTABLE MULTIVIBRATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4098B Datasheet(HTML) 2 Page - STMicroelectronics

  HCF4098B_01 Datasheet HTML 1Page - STMicroelectronics HCF4098B_01 Datasheet HTML 2Page - STMicroelectronics HCF4098B_01 Datasheet HTML 3Page - STMicroelectronics HCF4098B_01 Datasheet HTML 4Page - STMicroelectronics HCF4098B_01 Datasheet HTML 5Page - STMicroelectronics HCF4098B_01 Datasheet HTML 6Page - STMicroelectronics HCF4098B_01 Datasheet HTML 7Page - STMicroelectronics HCF4098B_01 Datasheet HTML 8Page - STMicroelectronics HCF4098B_01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
HCF4098B
2/10
An unused RESET input should be tied to VDD .
However, if an entire section of the HCF4098B is
not used, its reset should be tied to VSS (see table
1). In normal operation the circuit triggers (extends
the output pulse one period) on the application of
each new trigger pulse. For operation in the
non-retiggerable mode, Q is connected to -TR
when leading edge triggering (+TR) is used or Q is
connected to +TR when trailing edge triggering
(-TR) is used. The time period (T) for this
multivibrator can be calculated by : T = 1/2 RX CX
for CX > 0.01µF. The min. value of external
resistance, RX, is 5KΩ. The max. values of
external capacitance, CX, is 100 µF. The output
pulse width has variations of
±2.5% typically, over
the temperature range of -55
°C to 125 °C for
CX=1000pF and RX = 100KΩ . For power supply
variation of
±5% typically , for V
DD = 10V and 15V
and
±1% typically for V
DD = 5V at CX = 1000pF
and RX = 5KΩ .
IINPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
FUNCTIONAL DIAGRAM
PIN No
SYMBOL
NAME AND FUNCTION
4, 12
+TR
Leading Trigger Inputs
5, 11
-TR
Trailing Trigger Inputs
3, 13
RESET
Reset Inputs
1, 15
CX1, CX2
External Capacitors
2, 14
RXCX1
RXCX2
External resistors to Vdd
6, 7
Q1, Q1
Ouputs Mono 1
10, 9
Q2, Q2
Outputs Mono 2
8
VSS
Negative Supply Voltage
16
VDD
Positive Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com